Electronic Components Datasheet Search
  English  ▼

X  

X84041PI Datasheet(PDF) 1 Page - Xicor Inc.

Part # X84041PI
Description  Micro Port Saver E2PROM
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XICOR [Xicor Inc.]
Direct Link  http://www.xicor.com
Logo XICOR - Xicor Inc.

X84041PI Datasheet(HTML) 1 Page - Xicor Inc.

  X84041PI Datasheet HTML 1Page - Xicor Inc. X84041PI Datasheet HTML 2Page - Xicor Inc. X84041PI Datasheet HTML 3Page - Xicor Inc. X84041PI Datasheet HTML 4Page - Xicor Inc. X84041PI Datasheet HTML 5Page - Xicor Inc. X84041PI Datasheet HTML 6Page - Xicor Inc. X84041PI Datasheet HTML 7Page - Xicor Inc. X84041PI Datasheet HTML 8Page - Xicor Inc. X84041PI Datasheet HTML 9Page - Xicor Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
X84041
1
Micro Port Saver E2PROM
4K
X84041
MPS™ E2PROM
DESCRIPTION
The X84041 Micro Port Saver is a 4096-bit CMOS
E2PROM designed for a direct interface to port limited
microcontroller or I/O limited microprocessor designs.
The X84041 provides all of the benefits of serial memo-
ries, such as low cost, low power, low voltage operation,
and small package size, while featuring higher data
transfer rates and reduced interface code requirements—
without the need for a dedicated serial bus. The X84041
is organized as a 512 x 8, but is also suitable in 16-bit or
32-bit environments, due to the bit serial nature of the
interface.
The X84041 directly connects to the processor bus and
communicates over a single data line using a sequence
of standard bus read and write operations. This elimi-
nates the need for dedicated port pins, parallel to serial
converters, complicated ASIC implementations, or other
glue logic, lowering system cost.
FEATURES
• Direct Interface to Micros
—Eliminates I/O port requirements
—No interface glue logic required
—Eliminates need for parallel to serial converters
• 3.3Mbps data transfer rate
• Low Power CMOS
—2.7V to 5.5V Operation
—Standby Current Less than 50
µA
—Active Current Less than 1mA
• 45ns Read Access Time
• 8-Byte Page Write Mode
• Typical Nonvolatile Write Cycle Time: 5ms
• High Reliability
—100,000 Endurance Cycles
—Guaranteed Data Retention: 100 Years
• 8-Lead PDIP, 8-Lead SOIC, and
14-Lead TSSOP Packages
© Xicor, Inc. 1994, 1995, 1996 Patents Pending
Characteristics subject to change without notice
2704-4.4 6/12/96 T3/C1/D0 NS
CE
I/O
H.V. GENERATION
TIMING & CONTROL
EEPROM
ARRAY
512 x 8
COMMAND
DECODE
AND
CONTROL
LOGIC
X
DEC
Y DECODE
DATA REGISTER
WP
2704 ILL F02
OE
WE
PIN NAMES
I/O
Data Input/Output
CE
Chip Enable Input
OE
Output Enable Input
WE
Write Enable Input
WP
Write Protect Input
VCC
Supply Voltage
VSS
Ground
NC
No Connect
2704 PGM T01
PIN CONFIGURATION
BLOCK DIAGRAM
APPLICATION NOTES AND DEVELOPMENT SYSTEM
A V AILABLE
AN10 • AN17 • AN57 • XK84
VCC
NC
OE
WE
2704 ILL F01.2
CE
I/O
WP
VSS
1
2
3
4
8
7
6
5
X84041
DIP/SOIC
1
2
3
4
5
6
7
14
13
12
11
10
9
8
2704 ILL F02a.1
TSSOP
X84041
CE
I/O
NC
NC
NC
WP
V
SS
V
CC
NC
NC
NC
NC
OE
WE


Similar Part No. - X84041PI

ManufacturerPart #DatasheetDescription
logo
IC MICROSYSTEMS
X84128 ICMIC-X84128 Datasheet
563Kb / 22P
Advanced MPS??Micro Port Saver EEPROM with Block Lock??Protection
X84128-1.8 ICMIC-X84128-1.8 Datasheet
563Kb / 22P
Advanced MPS??Micro Port Saver EEPROM with Block Lock??Protection
X84128-2.5 ICMIC-X84128-2.5 Datasheet
563Kb / 22P
Advanced MPS??Micro Port Saver EEPROM with Block Lock??Protection
X84128E ICMIC-X84128E Datasheet
563Kb / 22P
Advanced MPS??Micro Port Saver EEPROM with Block Lock??Protection
X84128E-1.8 ICMIC-X84128E-1.8 Datasheet
563Kb / 22P
Advanced MPS??Micro Port Saver EEPROM with Block Lock??Protection
More results

Similar Description - X84041PI

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
GSCC-7007BS STMICROELECTRONICS-GSCC-7007BS Datasheet
41Kb / 3P
BATTERY SAVER
GSCC-7.007BS-E
logo
IC MICROSYSTEMS
X84160 ICMIC-X84160 Datasheet
563Kb / 22P
Advanced MPS??Micro Port Saver EEPROM with Block Lock??Protection
X84161 ICMIC-X84161 Datasheet
147Kb / 18P
關Port Saver EEPROM
logo
Glenair, Inc.
942-021NF25-20 GLENAIR-942-021NF25-20 Datasheet
398Kb / 2P
Connector Saver
799-070 GLENAIR-799-070 Datasheet
1Mb / 7P
Micro-Crimp connector saver
942-003 GLENAIR-942-003 Datasheet
189Kb / 2P
Connector Saver
942-005 GLENAIR-942-005 Datasheet
227Kb / 2P
Connector Saver
942-021 GLENAIR-942-021 Datasheet
225Kb / 2P
Connector Saver
logo
Mallory performance clu...
PN8984 MALLORY-PN8984 Datasheet
240Kb / 2P
Starter Saver
logo
Renesas Technology Corp
SLG4B41337V RENESAS-SLG4B41337V Datasheet
791Kb / 13P
Battery Saver
February 25, 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com