Electronic Components Datasheet Search
  English  ▼

X  

SSM60T03GP Datasheet(PDF) 4 Page - Silicon Standard Corp.

Part # SSM60T03GP
Description  N-channel Enhancement-mode Power MOSFET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSC [Silicon Standard Corp.]
Direct Link  http://www.siliconstandard.com
Logo SSC - Silicon Standard Corp.

SSM60T03GP Datasheet(HTML) 4 Page - Silicon Standard Corp.

  SSM60T03GP Datasheet HTML 1Page - Silicon Standard Corp. SSM60T03GP Datasheet HTML 2Page - Silicon Standard Corp. SSM60T03GP Datasheet HTML 3Page - Silicon Standard Corp. SSM60T03GP Datasheet HTML 4Page - Silicon Standard Corp. SSM60T03GP Datasheet HTML 5Page - Silicon Standard Corp.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
www.SiliconStandard.com
4 of 5
SSM60T03GP,S
9/16/2005 Rev.3.1
Fig 7. Gate Charge Characteristics
Fig 8. Typical Capacitance Characteristics
Fig 9. Maximum Safe Operating Area
Fig 10. Effective Transient Thermal Impedance
Fig 11. Switching Time Waveform
Fig 12. Gate Charge Waveform
0.01
0.1
1
0.00001
0.0001
0.001
0.01
0.1
1
t , Pulse Width (s)
PDM
Duty Factor = t/T
Peak Tj = PDM x Rthjc + TC
t
T
0.02
0.01
0.05
0.1
0.2
Duty factor = 0.5
Single Pulse
0
3
6
9
12
0
6
12
18
24
Q G , Total Gate Charge (nC)
I D =20A
V DS =16V
V DS =20V
V DS =24V
100
1000
10000
1
8
15
22
29
V DS , Drain-to-Source Voltage (V)
f=1.0MHz
C iss
C oss
C rss
1
10
100
1000
0.1
1
10
100
V DS , Drain-to-Source Voltage (V)
1ms
100ms
DC
10ms
100us
td(on) tr
td(off) tf
VDS
VGS
10%
90%
Q
VG
4.5V
QGS
QGD
QG
Charge



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com