Electronic Components Datasheet Search
  English  ▼

X  

SSM630GP Datasheet(PDF) 1 Page - Silicon Standard Corp.

Part # SSM630GP
Description  N-channel Enhancement-mode Power MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSC [Silicon Standard Corp.]
Direct Link  http://www.siliconstandard.com
Logo SSC - Silicon Standard Corp.

SSM630GP Datasheet(HTML) 1 Page - Silicon Standard Corp.

  SSM630GP Datasheet HTML 1Page - Silicon Standard Corp. SSM630GP Datasheet HTML 2Page - Silicon Standard Corp. SSM630GP Datasheet HTML 3Page - Silicon Standard Corp. SSM630GP Datasheet HTML 4Page - Silicon Standard Corp. SSM630GP Datasheet HTML 5Page - Silicon Standard Corp. SSM630GP Datasheet HTML 6Page - Silicon Standard Corp. SSM630GP Datasheet HTML 7Page - Silicon Standard Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
www.SiliconStandard.com
1 of 7
N-channel Enhancement-mode Power MOSFET
BVDSS
200V
RDS(ON)
400m
Ω
I D
9A
The SSM630GP achieves fast switching performance
with low gate charge without a complex drive circuit. It is
suitable for low voltage applications such as DC/DC
Pb-free; RoHS-compliant TO-220
PRODUCT SUMMARY
DESCRIPTION
Notes:
1. Pulse width must be limited to avoid exceeding the safe operating area.
2. Pulse width <300us, duty cycle <2%.
3. Starting Tj = 25°C, VDD=50V , L=4.5mH , RG=25Ω , IAS=9A.
converters and general load-switching circuits.
The SSM630GP is in TO-220 for through-hole mounting
where a small footprint is required on the board, and/or an
G
D
S
TO-220 (suffix P)
external heatsink is to be attached.
These devices are manufactured with an advanced process,
providing improved on-resistance and switching performance.
ABSOLUTE MAXIMUM RATINGS
Symbol
Parameter
Value
Units
VDS
VGS
ID
IDM
PD
W/°C
EAS
Single pulse avalanche energy
3
TSTG
TJ
Symbol
Parameter
Value
Units
RΘJC
Maximum thermal resistance, junction-case
1.7
°C/W
RΘJA
Maximum thermal resistance, junction-ambient
62
°C/W
Drain-source voltage
200
V
Gate-source voltage
±30
V
Continuous drain current, TC = 25°C
9
A
TC = 100°C
5.7
A
Pulsed drain current
1
36
A
Total power dissipation, TC = 25°C
74
W
-55 to 150
°C
Operating junction temperature range
-55 to 150
°C
Linear derating factor
0.59
240
mJ
THERMAL CHARACTERISTICS
Storage temperature range
SSM630GP
8/22/2006 Rev.3.1
IAR
Avalanche current
9
A
EAR
Repetitive avalanche energy
7
mJ


Similar Part No. - SSM630GP

ManufacturerPart #DatasheetDescription
logo
Analog Devices
SSM6322 AD-SSM6322 Datasheet
518Kb / 20P
High Fidelity, Low Power, Integrated Stereo Audio Amplifier
Mar-2017
SSM6322ACPZ-R2 AD-SSM6322ACPZ-R2 Datasheet
518Kb / 20P
High Fidelity, Low Power, Integrated Stereo Audio Amplifier
Mar-2017
SSM6322ACPZ-R7 AD-SSM6322ACPZ-R7 Datasheet
518Kb / 20P
High Fidelity, Low Power, Integrated Stereo Audio Amplifier
Mar-2017
SSM6322ACPZ-RL AD-SSM6322ACPZ-RL Datasheet
518Kb / 20P
High Fidelity, Low Power, Integrated Stereo Audio Amplifier
Mar-2017
SSM6322CP-EBZ AD-SSM6322CP-EBZ Datasheet
518Kb / 20P
High Fidelity, Low Power, Integrated Stereo Audio Amplifier
Mar-2017
More results

Similar Description - SSM630GP

ManufacturerPart #DatasheetDescription
logo
GTM CORPORATION
G2N7002K GTM-G2N7002K Datasheet
368Kb / 4P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G111K GTM-G111K Datasheet
366Kb / 4P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G138 GTM-G138 Datasheet
324Kb / 4P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G301K GTM-G301K Datasheet
296Kb / 4P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G2304A GTM-G2304A Datasheet
371Kb / 4P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G2308E GTM-G2308E Datasheet
330Kb / 4P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE20N03 GTM-GE20N03 Datasheet
296Kb / 5P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE40N03 GTM-GE40N03 Datasheet
251Kb / 5P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE50L02 GTM-GE50L02 Datasheet
258Kb / 5P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE70N03 GTM-GE70N03 Datasheet
299Kb / 5P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com