Electronic Components Datasheet Search
  English  ▼

X  

SSM2302N Datasheet(PDF) 5 Page - Silicon Standard Corp.

Part # SSM2302N
Description  N-CHANNEL ENHANCEMENT-MODE POWER MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSC [Silicon Standard Corp.]
Direct Link  http://www.siliconstandard.com
Logo SSC - Silicon Standard Corp.

SSM2302N Datasheet(HTML) 5 Page - Silicon Standard Corp.

  SSM2302N Datasheet HTML 1Page - Silicon Standard Corp. SSM2302N Datasheet HTML 2Page - Silicon Standard Corp. SSM2302N Datasheet HTML 3Page - Silicon Standard Corp. SSM2302N Datasheet HTML 4Page - Silicon Standard Corp. SSM2302N Datasheet HTML 5Page - Silicon Standard Corp. SSM2302N Datasheet HTML 6Page - Silicon Standard Corp.  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
www.SiliconStandard.com
5 of 6
SSM2302N
Fig 9. Gate Charge Characteristics
Fig 10. Typical Capacitance Characteristics
Fig 11. Forward Characteristic of
Fig 12. Gate Threshold Voltage vs.
Reverse Diode
Junction Temperature
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
-50
0
50
100
150
T j , Junction Temperature (
o C )
0
2
4
6
8
10
12
0
1
2
3
4
5
6
7
89
Q G , Total Gate Charge (nC)
I D =3.6A
V DS =4.5V
10
100
1000
1
5
9
1317
2125
29
V DS (V)
f=1.0MHz
Ciss
Coss
Crss
0.1
1.0
10.0
100.0
0.1
0.5
0.9
1.3
V SD (V)
T j =25
o C
T j =150
o C
Rev.2.02 3/12/2004



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com