Electronic Components Datasheet Search
  English  ▼

X  

SSM2302N Datasheet(PDF) 1 Page - Silicon Standard Corp.

Part # SSM2302N
Description  N-CHANNEL ENHANCEMENT-MODE POWER MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSC [Silicon Standard Corp.]
Direct Link  http://www.siliconstandard.com
Logo SSC - Silicon Standard Corp.

SSM2302N Datasheet(HTML) 1 Page - Silicon Standard Corp.

  SSM2302N Datasheet HTML 1Page - Silicon Standard Corp. SSM2302N Datasheet HTML 2Page - Silicon Standard Corp. SSM2302N Datasheet HTML 3Page - Silicon Standard Corp. SSM2302N Datasheet HTML 4Page - Silicon Standard Corp. SSM2302N Datasheet HTML 5Page - Silicon Standard Corp. SSM2302N Datasheet HTML 6Page - Silicon Standard Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
www.SiliconStandard.com
1 of 6
SSM2302N
N-CHANNEL ENHANCEMENT-MODE POWER MOSFET
Capable of 2.5V gate drive
BVDSS
20V
Small package outline
RDS(ON)
85m
Ω
Surface-mount package
ID
2.8A
Description
Absolute Maximum Ratings
Symbol
Units
VDS
V
VGS
V
ID @ TA=25°C
ID @ TA=70°C
IDM
A
PD @ TA=25°C
W/°C
TSTG
TJ
Symbol
Value
Unit
Rthj-a
Thermal Resistance Junction-ambient
3
Max.
100
°C/W
Parameter
Rating
Drain-Source Voltage
20
Gate-Source Voltage
Continuous Drain Current
3, V
GS @ 4.5V
2.8
A
Continuous Current
3, V
GS @ 4.5V
2.2
A
Pulsed Drain Current
1,2
10
Total Power Dissipation
1.25
W
-55 to 150
°C
Operating Junction Temperature Range
-55 to 150
°C
Linear Derating Factor
0.01
Thermal Data
Parameter
Storage Temperature Range
± 12
G
D
S
D
G
S
SOT-23
Power MOSFETs from Silicon Standard provide the
designer with the best combination of fast switching,
low on-resistance and cost-effectiveness.
Rev.2.02 3/12/2004


Similar Part No. - SSM2302N

ManufacturerPart #DatasheetDescription
logo
Analog Devices
SSM2302 AD-SSM2302 Datasheet
474Kb / 20P
Filterless High Efficiency Class-D Stereo Audio Amplifier
6/06-Revision 0
SSM2302CPZ-R2 AD-SSM2302CPZ-R2 Datasheet
474Kb / 20P
Filterless High Efficiency Class-D Stereo Audio Amplifier
6/06-Revision 0
SSM2302CPZ-REEL AD-SSM2302CPZ-REEL Datasheet
474Kb / 20P
Filterless High Efficiency Class-D Stereo Audio Amplifier
6/06-Revision 0
SSM2302CPZ-REEL7 AD-SSM2302CPZ-REEL7 Datasheet
474Kb / 20P
Filterless High Efficiency Class-D Stereo Audio Amplifier
6/06-Revision 0
SSM2302 AD-SSM2302_15 Datasheet
474Kb / 20P
Filterless High Efficiency Class-D Stereo Audio Amplifier
REV. 0
More results

Similar Description - SSM2302N

ManufacturerPart #DatasheetDescription
logo
GTM CORPORATION
G2N7002K GTM-G2N7002K Datasheet
368Kb / 4P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G111K GTM-G111K Datasheet
366Kb / 4P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G138 GTM-G138 Datasheet
324Kb / 4P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G301K GTM-G301K Datasheet
296Kb / 4P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G2304A GTM-G2304A Datasheet
371Kb / 4P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G2308E GTM-G2308E Datasheet
330Kb / 4P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE20N03 GTM-GE20N03 Datasheet
296Kb / 5P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE40N03 GTM-GE40N03 Datasheet
251Kb / 5P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE50L02 GTM-GE50L02 Datasheet
258Kb / 5P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE70N03 GTM-GE70N03 Datasheet
299Kb / 5P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com