Electronic Components Datasheet Search
  English  ▼

X  

X9514 Datasheet(PDF) 2 Page - Xicor Inc.

Part # X9514
Description  PushPot??Potentiometer (Push Button Controlled)
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XICOR [Xicor Inc.]
Direct Link  http://www.xicor.com
Logo XICOR - Xicor Inc.

X9514 Datasheet(HTML) 2 Page - Xicor Inc.

  X9514 Datasheet HTML 1Page - Xicor Inc. X9514 Datasheet HTML 2Page - Xicor Inc. X9514 Datasheet HTML 3Page - Xicor Inc. X9514 Datasheet HTML 4Page - Xicor Inc. X9514 Datasheet HTML 5Page - Xicor Inc. X9514 Datasheet HTML 6Page - Xicor Inc. X9514 Datasheet HTML 7Page - Xicor Inc. X9514 Datasheet HTML 8Page - Xicor Inc. X9514 Datasheet HTML 9Page - Xicor Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
X9514
2
PIN DESCRIPTIONS
VH and VL
The high (VH) and low (VL) terminals of the X9514 are
equivalent to the fixed terminals of a mechanical potenti-
ometer. The minimum voltage is –5V and the maximum is
+5V. It should be noted that the terminology of VL and VH
references the relative position of the terminal in relation
to wiper movement direction selected by the
PU and PD
inputs and not the voltage potential on the terminal.
PU
The debounced
PU input is for incrementing the wiper
position. An on-chip pull-up holds the
PU input HIGH. A
switch closure to ground or a LOW logic level will, after
a debounce time, move the wiper to the next adjacent
higher tap position.
PD
The debounced
PD input is for decrementing the wiper
position. An on-chip pull-up holds the
PD input HIGH. A
switch closure to ground or a LOW logic level will, after
a debounce time, move the wiper to the next adjacent
lower tap position.
ASE
The debounced
ASE (AUTOSTORE enable) pin can be
in one of two states:
VIL – AUTOSTORE is enabled. When VCC powers-
down an automatic store cycle takes place.
VIH – AUTOSTORE is disabled. A LOW to HIGH will
initiate a manual store operation. This is for a user who
wishes to connect a push button switch to this pin. For
every valid push, the X9514 will store the current wiper
position to the E2PROM.
PIN CONFIGURATION
PIN NAMES
Symbol
Description
VH
High Terminal
VW
Wiper Terminal
VL
Low Terminal
VSS
Ground
VCC
Supply Voltage
PU
Push Up Input
PD
Push Down Input
ASE
AUTOSTORE Enable Input
NC
No Connect
6487 PGM T01.2
VCC
ASE
VL
VW
PU
PD
VH
VSS
1
2
3
4
8
7
6
5
X9514
DIP/SOIC
VCC
ASE
NC
NC
NC
VL
VW
6487 ILL F02.2
PU
PD
NC
NC
NC
VH
VSS
1
2
3
4
5
6
7
14
13
12
11
10
9
8
X9514
TSSOP
TAP POSITION
6487 ILL F04
0
4
8
12
16
20
24
28
31
-20
-40
-43.5
0
-60
Typical Attenuation Characteristics (dB)



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com