Electronic Components Datasheet Search
  English  ▼

X  

X9514 Datasheet(PDF) 4 Page - Xicor Inc.

Part # X9514
Description  PushPot??Potentiometer (Push Button Controlled)
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XICOR [Xicor Inc.]
Direct Link  http://www.xicor.com
Logo XICOR - Xicor Inc.

X9514 Datasheet(HTML) 4 Page - Xicor Inc.

  X9514 Datasheet HTML 1Page - Xicor Inc. X9514 Datasheet HTML 2Page - Xicor Inc. X9514 Datasheet HTML 3Page - Xicor Inc. X9514 Datasheet HTML 4Page - Xicor Inc. X9514 Datasheet HTML 5Page - Xicor Inc. X9514 Datasheet HTML 6Page - Xicor Inc. X9514 Datasheet HTML 7Page - Xicor Inc. X9514 Datasheet HTML 8Page - Xicor Inc. X9514 Datasheet HTML 9Page - Xicor Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
X9514
4
ABSOLUTE MAXIMUM RATINGS*
Temperature under Bias .................. –65
°C to +135°C
Storage Temperature ....................... –65
°C to +150°C
Voltage on
PU, PD, ASE and VCC
with Respect to VSS ........................... –1V to +7V
Voltage on VH and VL Referenced to VSS
∆V = |VH–VL|......................................................... 10V
Lead Temperature (Soldering 10 seconds) ....... 300
°C
Wiper Current .....................................................
±1mA
*COMMENT
Stresses above those listed under “Absolute Maximum
Ratings” may cause permanent damage to the device.
This is a stress rating only and the functional operation
of the device at these or any other conditions above
those listed in the operational sections of this specifica-
tion is not implied. Exposure to absolute maximum
rating conditions for extended periods may affect device
reliability.
ANALOG CHARACTERISTICS
Electrical Characteristics
End-to-End Resistance Tolerance .....................
±20%
Power Rating at 25
°C
X9514W ...................................................... 10mW
Wiper Current ............................................
±1mA Max.
Typical Wiper Resistance ......................... 40
Ω at 1mA
Typical Noise .......................... < –120dB/
Hz Ref: 1V
Relative Variation
Relative variation is a measure of the error in step size
between taps = log(Vw(n)) – log(Vw(n-1)) = 0.08±0.05
for tap n = 2 – 31
Temperature Coefficient
(–40
°C to +85°C)
X9514W ..................................... +600 ppm/
°C Typical
Ratiometric Temperature Coefficient ............
±20 ppm
Wiper Adjustability
Unlimited Wiper Adjustment (Non-Store operation)
Wiper Position Store Operations ............. 100,000
Data Changes
Physical Characteristics
Marking Includes
Manufacturer’s Trademark
Resistance Value or Code
Date Code
Typical Electrical Taper
100.0%
90.0%
80.0%
70.0%
60.0%
50.0%
40.0%
30.0%
20.0%
10.0%
0.0%
Tap
6487 ILL F08



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com