Electronic Components Datasheet Search
  English  ▼

X  

X9514WS Datasheet(PDF) 5 Page - Xicor Inc.

Part # X9514WS
Description  PushPot??Potentiometer (Push Button Controlled)
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XICOR [Xicor Inc.]
Direct Link  http://www.xicor.com
Logo XICOR - Xicor Inc.

X9514WS Datasheet(HTML) 5 Page - Xicor Inc.

  X9514WS Datasheet HTML 1Page - Xicor Inc. X9514WS Datasheet HTML 2Page - Xicor Inc. X9514WS Datasheet HTML 3Page - Xicor Inc. X9514WS Datasheet HTML 4Page - Xicor Inc. X9514WS Datasheet HTML 5Page - Xicor Inc. X9514WS Datasheet HTML 6Page - Xicor Inc. X9514WS Datasheet HTML 7Page - Xicor Inc. X9514WS Datasheet HTML 8Page - Xicor Inc. X9514WS Datasheet HTML 9Page - Xicor Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
X9514
5
D.C. OPERATING CHARACTERISTICS (Over recommended operating conditions unless otherwise specified.)
Limits
Symbol
Parameter
Min.
Typ.(4)
Max.
Units
Test Conditions
ICC
VCC Active Current
1
3
mA
PU or PD held at VIL the others at VIH
ISB
Standby Supply Current
200
µA
PU = PD = VH
ILI
ASE, PU, PD Input
10
µAVIN = VSS to VCC
Leakage Current
VIH
ASE, PU, PD Input
2
VCC + 1
V
HIGH Voltage
VIL
ASE, PU, PD Input
–1
0.8
V
LOW Voltage
RW
Wiper Resistance
40
100
Ω
Max. Wiper Current
±1mA
VVH
VH Terminal Voltage
–5
+5
V
VVL
VL Terminal Voltage
–5
+5
V
CIN(5)
ASE, PU, PD Input
10
pF
VCC = 5V, VIN = 0V,
Capacitance
TA = 25°C, f = 1MHz
6487 PGM T05.4
RECOMMENDED OPERATING CONDITIONS
Temperature
Min.
Max.
Commercial
0
°C
+70
°C
Industrial
–40
°C
+85
°C
Military
–55
°C
+125
°C
6487 PGM T03.1
Supply Voltage
Limits
X9514
5V
±10%
6487 PGM T04.1
Notes: (4) Typical values are for TA = 25°C and nominal supply voltage.
(5) This parameter is periodically sampled and not 100% tested.
STANDARD PARTS
Part Number
Maximum Resistance
Wiper Increments
Minimum Resistance
X9514W
10K
Ω
Log Taper
40
Ω
6487 PGM T08.1
SYMBOL TABLE
WAVEFORM
INPUTS
OUTPUTS
Must be
steady
Will be
steady
May change
from LOW
to HIGH
Will change
from LOW
to HIGH
May change
from HIGH
to LOW
Will change
from HIGH
to LOW
Don’t Care:
Changes
Allowed
Changing:
State Not
Known
N/A
Center Line
is High
Impedance



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com