Electronic Components Datasheet Search
  English  ▼

X  

X9514WS Datasheet(PDF) 6 Page - Xicor Inc.

Part # X9514WS
Description  PushPot??Potentiometer (Push Button Controlled)
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XICOR [Xicor Inc.]
Direct Link  http://www.xicor.com
Logo XICOR - Xicor Inc.

X9514WS Datasheet(HTML) 6 Page - Xicor Inc.

Back Button X9514WS Datasheet HTML 2Page - Xicor Inc. X9514WS Datasheet HTML 3Page - Xicor Inc. X9514WS Datasheet HTML 4Page - Xicor Inc. X9514WS Datasheet HTML 5Page - Xicor Inc. X9514WS Datasheet HTML 6Page - Xicor Inc. X9514WS Datasheet HTML 7Page - Xicor Inc. X9514WS Datasheet HTML 8Page - Xicor Inc. X9514WS Datasheet HTML 9Page - Xicor Inc. X9514WS Datasheet HTML 10Page - Xicor Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
X9514
6
A.C. OPERATING CHARACTERISTICS (Over recommended operating conditions unless otherwise specified)
Limits
Symbol
Parameter
Min.
Typ.(6)
Max.
Units
tGAP
Time Between Two Separate Push Button Events
0
µs
tDB
Debounce Time
60
ms
tS SLOW
After Debounce to Wiper Change on a Slow Mode
100
250
375
ms
tS FAST(7)
Wiper Change on a Scan Mode
25
50
75
ms
tPU(7)
Power Up to Wiper Stable
500
µs
tR Vcc(7)
VCC Power-up Rate
0.2
50
mV/
µs
tASTO(7)
AUTOSTORE Cycle Time
2
ms
VASTH(7)
AUTOSTORE Threshold Voltage
4
V
VASEND(7)
AUTOSTORE Cycle End Voltage
3.5
V
6487 PGM T07.3
AUTOSTORE Cycle Timing Diagram
Notes: VASTH – AUTOSTORE threshold voltage
VASEND – AUTOSTORE cycle end voltage
tASTO – AUTOSTORE cycle time
(6) Typical values are for TA = 25°C and nominal supply voltage.
(7) This parameter is periodically sampled and not 100% tested.
6487 ILL F03.2
5
AUTOSTORE CYCLE IN PROGRESS
VASTH
VASEND
tASTO
V
CC
STORE TIME
TIME (ms)



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com