Electronic Components Datasheet Search
  English  ▼

X  

SSM4501GSD Datasheet(PDF) 6 Page - Silicon Standard Corp.

Part # SSM4501GSD
Description  N AND P-CHANNEL ENHANCEMENT MODE POWER MOSFET
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSC [Silicon Standard Corp.]
Direct Link  http://www.siliconstandard.com
Logo SSC - Silicon Standard Corp.

SSM4501GSD Datasheet(HTML) 6 Page - Silicon Standard Corp.

  SSM4501GSD Datasheet HTML 1Page - Silicon Standard Corp. SSM4501GSD Datasheet HTML 2Page - Silicon Standard Corp. SSM4501GSD Datasheet HTML 3Page - Silicon Standard Corp. SSM4501GSD Datasheet HTML 4Page - Silicon Standard Corp. SSM4501GSD Datasheet HTML 5Page - Silicon Standard Corp. SSM4501GSD Datasheet HTML 6Page - Silicon Standard Corp. SSM4501GSD Datasheet HTML 7Page - Silicon Standard Corp. SSM4501GSD Datasheet HTML 8Page - Silicon Standard Corp.  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
01/28/2008 Rev.1.00
www.SiliconStandard.com
6
SSM4501GSD
P-Channel
Fig 1. Typical Output Characteristics
Fig 2. Typical Output Characteristics
Fig 3. On-Resistance v.s. Gate Voltage
Fig 4. Normalized On-Resistance
v.s. Junction Temperature
Fig 5. Forward Characteristic of
Fig 6. Gate Threshold Voltage v.s.
Reverse Diode
Junction Temperature
0.6
0.8
1
1.2
1.4
1.6
1.8
-50
0
50
100
150
T j , Junction Temperature (
o C)
V G = -10V
I D =-5.0A
0
10
20
30
40
01234
-V DS , Drain-to-Source Voltage (V)
T A =25
o C
-10V
-8.0V
-6.0V
-5.0V
V G = - 4.0V
0
12
24
36
012345
-V DS , Drain-to-Source Voltage (V)
T A =150
o C
-10V
-8.0V
-6.0V
-5.0V
V G = - 4.0V
30
60
90
120
35
79
11
-V GS , Gate-to-Source Voltage (V)
I D =-5.0A
T A =25 ℃
℃
℃
℃
0.01
0.1
1
10
0.1
0.4
0.7
1
1.3
-V SD , Source-to-Drain Voltage (V)
T j =25
o C
T j =150
o C
0
0.5
1
1.5
2
2.5
3
-50
0
50
100
150
T j , Junction Temperature (
o C )



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com