Electronic Components Datasheet Search
  English  ▼

X  

TPU31 Datasheet(PDF) 13 Page - Token Electronics Industry Co., Ltd.

Part # TPU31
Description  TPUA SMT Power Inductors
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOKEN [Token Electronics Industry Co., Ltd.]
Direct Link  http://www.token.com.tw
Logo TOKEN - Token Electronics Industry Co., Ltd.

TPU31 Datasheet(HTML) 13 Page - Token Electronics Industry Co., Ltd.

Back Button TPU31 Datasheet HTML 8Page - Token Electronics Industry Co., Ltd. TPU31 Datasheet HTML 9Page - Token Electronics Industry Co., Ltd. TPU31 Datasheet HTML 10Page - Token Electronics Industry Co., Ltd. TPU31 Datasheet HTML 11Page - Token Electronics Industry Co., Ltd. TPU31 Datasheet HTML 12Page - Token Electronics Industry Co., Ltd. TPU31 Datasheet HTML 13Page - Token Electronics Industry Co., Ltd. TPU31 Datasheet HTML 14Page - Token Electronics Industry Co., Ltd. TPU31 Datasheet HTML 15Page - Token Electronics Industry Co., Ltd. TPU31 Datasheet HTML 16Page - Token Electronics Industry Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
13 of 16
TPU104 SMT Power Inductors
Version 2010
(TPU104) Electrical Characteristics
Part Number
Inductance(µH)
Test Freq.(Hz)
DCR (Ω)(max)
IDC (A)(max)
TPU104 - 100K
10.00
2.52 M
0.053
2.38
TPU104 - 120K
12.00
2.52 M
0.061
2.13
TPU104 - 150K
15.00
2.52 M
0.070
1.87
TPU104 - 180K
18.00
2.52 M
0.081
1.73
TPU104 - 220K
22.00
2.52 M
0.088
1.60
TPU104 - 270K
27.00
2.52 M
0.100
1.44
TPU104 - 330K
33.00
2.52 M
0.120
1.26
TPU104 - 390K
39.00
2.52 M
0.151
1.20
TPU104 - 470K
47.00
2.52 M
0.170
1.10
TPU104 - 560K
56.00
2.52 M
0.199
1.01
TPU104 - 680K
68.00
2.52 M
0.223
0.91
TPU104 - 820K
82.00
2.52 M
0.252
0.85
TPU104 - 101K
100.00
1 K
0.344
0.74
TPU104 - 121K
120.00
1 K
0.396
0.69
TPU104 - 151K
150.00
1 K
0.544
0.61
TPU104 - 181K
180.00
1 K
0.621
0.56
TPU104 - 221K
220.00
1 K
0.721
0.53
TPU104 - 271K
270.00
1 K
0.949
0.45
TPU104 - 331K
330.00
1 K
1.100
0.42
TPU104 - 391K
390.00
1 K
1.245
0.38
TPU104 - 471K
470.00
1 K
1.526
0.35
TPU104 - 561K
560.00
1 K
1.904
0.32
TPU104 - 681K
680.00
1 K
2.200
0.31
TPU104 - 821K
820.00
1 K
2.700
0.30
TPU104 - 102K
1000.00
1 K
3.500
0.29
Note: 101~102 Test Freq.: 1KHz / 0.25V.
Operating Temp.: -40°C ~ +85°C.
Inductance Drop=10% typ. at IDC.
TOKEN
http://www.token.com.tw/
rfq token.com.tw



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com