Electronic Components Datasheet Search
  English  ▼

X  

TPU31 Datasheet(PDF) 3 Page - Token Electronics Industry Co., Ltd.

Part # TPU31
Description  TPUA SMT Power Inductors
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOKEN [Token Electronics Industry Co., Ltd.]
Direct Link  http://www.token.com.tw
Logo TOKEN - Token Electronics Industry Co., Ltd.

TPU31 Datasheet(HTML) 3 Page - Token Electronics Industry Co., Ltd.

  TPU31 Datasheet HTML 1Page - Token Electronics Industry Co., Ltd. TPU31 Datasheet HTML 2Page - Token Electronics Industry Co., Ltd. TPU31 Datasheet HTML 3Page - Token Electronics Industry Co., Ltd. TPU31 Datasheet HTML 4Page - Token Electronics Industry Co., Ltd. TPU31 Datasheet HTML 5Page - Token Electronics Industry Co., Ltd. TPU31 Datasheet HTML 6Page - Token Electronics Industry Co., Ltd. TPU31 Datasheet HTML 7Page - Token Electronics Industry Co., Ltd. TPU31 Datasheet HTML 8Page - Token Electronics Industry Co., Ltd. TPU31 Datasheet HTML 9Page - Token Electronics Industry Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
03 of 16
TPU31A SMT Power Inductors
Version 2010
(TPU31A) Electrical Characteristics
Part Number
Inductance(µH)
Test Freq.(KHz)
DCR (Ω)(max)
IDC (A)(max)
TPU31A - 1R0M
1.00
100
0.06
1.4
TPU31A - 2R2M
2.20
100
0.11
1.05
TPU31A - 3R3M
3.30
100
0.15
0.80
TPU31A - 4R7M
4.70
100
0.21
0.75
TPU31A - 5R6M
5.60
100
0.25
0.65
TPU31A - 6R8M
6.80
100
0.30
0.56
TPU31A - 8R2M
8.20
100
0.38
0.50
TPU31A - 100K
10.00
100
0.44
0.45
TPU31A - 120K
12.00
100
0.50
0.43
TPU31A - 150K
15.00
100
0.61
0.39
TPU31A - 180K
18.00
100
0.73
0.32
TPU31A - 220K
22.00
100
0.91
0.28
TPU31A - 270K
27.00
100
1.15
0.26
TPU31A - 330K
33.00
100
1.39
0.25
TPU31A - 390K
39.00
100
1.88
0.23
TPU31A - 470K
47.00
100
2.26
0.21
TPU31A - 560K
56.00
100
2.69
0.20
TPU31A - 680K
68.00
100
3.18
0.18
TPU31A - 820K
82.00
100
3.67
0.16
TPU31A - 101K
100.00
1
4.94
0.14
TPU31A - 121K
120.00
1
5.35
0.12
Note: Test Freq. L: 1.0-82uH at 100KHz / 0.25V. Above in the 100uH at 1KHz / 0.3V.
Operating Temp.: -40°C ~ +85°C.
Inductane Drop=10% typ. at IDC.
TOKEN
http://www.token.com.tw/
rfq token.com.tw



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com