Electronic Components Datasheet Search
  English  ▼

X  

AD5748 Datasheet(PDF) 4 Page - Analog Devices

Part # AD5748
Description  Industrial Current/Voltage Output Driver with Programmable Ranges
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5748 Datasheet(HTML) 4 Page - Analog Devices

  AD5748 Datasheet HTML 1Page - Analog Devices AD5748 Datasheet HTML 2Page - Analog Devices AD5748 Datasheet HTML 3Page - Analog Devices AD5748 Datasheet HTML 4Page - Analog Devices AD5748 Datasheet HTML 5Page - Analog Devices AD5748 Datasheet HTML 6Page - Analog Devices AD5748 Datasheet HTML 7Page - Analog Devices AD5748 Datasheet HTML 8Page - Analog Devices AD5748 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 32 page
background image
AD5748
Rev. 0 | Page 4 of 32
SPECIFICATIONS
AVDD/AVSS = ±12 V (± 10%) to ±24 V (± 10%), DVCC = 2.7 V to 5.5 V, GND = 0 V. IOUT: RLOAD = 300 Ω. All specifications TMIN to TMAX,
unless otherwise noted.
Table 2.
Parameter1
Min
Typ
Max
Unit
Test Conditions/Comments
INPUT VOLTAGE RANGE
Output unloaded
VIN
0 to 4.096
V
Input Leakage Current
−1
+1
μA
REFERENCE INPUT
Reference Input Voltage
4.096
V
External reference needs to be exactly as
stated; otherwise, accuracy errors show
up as error in output
Input Leakage Current
−1
+1
μA
VOLTAGE OUTPUT, VOUT
Output Voltage Ranges
0
5
V
0
10.5
V
AVDD must have minimum 1.3 V
headroom
−10.5
+10.5
V
AVDD/AVSS must have minimum 1.3 V
headroom
Accuracy
Total Unadjusted Error (TUE)2
−0.3
+0.3
% FSR
−0.1
±0.05
+0.1
% FSR
TA = 25°C
Relative Accuracy (INL)
−0.02
±0.005
+0.02
% FSR
Bipolar Zero Error (Offset at
Midscale)
−10
+10
mV
±10.5 V range
−8
±0.5
+8
mV
TA = 25°C, ±10.5 V range
Bipolar Zero Error TC3
±1.5
ppm FSR/°C
±10.5 V range
Zero-Scale Error
−10
+10
mV
±10.5 V range
−8
±0.5
+8
mV
TA = 25°C, ±10.5 V range
Zero-Scale Error TC3
±1
ppm FSR/°C
±10.5 V range
Zero-Scale/Offset Error
−5
+5
mV
0 V to 10.5 V range
−4
±0.5
+4
mV
TA = 25°C, 0 V to 10.5 V range
−3
+3
mV
0 V to 5 V range
−2.2
±0.3
+2.2
mV
TA = 25°C, 0 V to 5 V range
Offset Error TC3
±2
ppm FSR/°C
Gain Error
−0.05
+0.05
% FSR
All ranges
−0.04
±0.015
+0.04
% FSR
TA = 25°C
Gain Error TC3
±0.5
ppm FSR/°C
Full-Scale Error
−0.05
+0.05
% FSR
All ranges
−0.04
±0.015
+0.04
% FSR
TA = 25°C
Full-Scale Error TC3
±1.5
ppm FSR/°C
VOLTAGE OUTPUT CHARACTERISTICS3
Headroom
1.3
V
Output unloaded
Short-Circuit Current
15
mA
Load
1
kΩ
Capacitive Load Stability
TA = 25°C
RLOAD = ∞
1
nF
RLOAD = 2 kΩ
1
nF
RLOAD = ∞
2
μF
External compensation capacitor required;
see the
Driving Inductive Loads section
DC Output Impedance
0.12
Ω
0 V to 5 V range, ¼ to ¾ Step
7
μs
Specified with 2 kΩ || 220 pF, ±0.05%
0 V to 5 V range, 40 mV Input Step
4.5
μs
Specified with 2 kΩ || 220 pF, ±0.05%
Slew Rate
2
V/μs
Specified with 2 kΩ || 220 pF
Output Noise
2.5
μV rms
0.1 Hz to 10 Hz bandwidth
45.5
μV rms
100 kHz bandwidth



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com