Electronic Components Datasheet Search
  English  ▼

X  

AD5748 Datasheet(PDF) 1 Page - Analog Devices

Part # AD5748
Description  Industrial Current/Voltage Output Driver with Programmable Ranges
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5748 Datasheet(HTML) 1 Page - Analog Devices

  AD5748 Datasheet HTML 1Page - Analog Devices AD5748 Datasheet HTML 2Page - Analog Devices AD5748 Datasheet HTML 3Page - Analog Devices AD5748 Datasheet HTML 4Page - Analog Devices AD5748 Datasheet HTML 5Page - Analog Devices AD5748 Datasheet HTML 6Page - Analog Devices AD5748 Datasheet HTML 7Page - Analog Devices AD5748 Datasheet HTML 8Page - Analog Devices AD5748 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 32 page
background image
Industrial Current/Voltage Output Driver
with Programmable Ranges
AD5748
Rev. 0
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringementsof patentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2010 Analog Devices, Inc. All rights reserved.
FEATURES
Current output ranges: 4 mA to 21 mA, 0 mA to 21 mA
±0.15% FSR total unadjusted error (TUE)
±5 ppm/°C FSR typical output drift
Voltage output ranges: 0 V to 5 V, 0 V to 10.5 V, ±10.5 V
±0.05% FSR total unadjusted error (TUE)
±3 ppm/°C FSR output drift
Flexible serial digital interface
On-chip output fault detection
PEC error checking
Asynchronous CLEAR function
Flexible power-up condition to 0 V or tristate
Power supply range
AVDD: +12 V (± 10%) to +24 V (± 10%)
AVSS: −12 V (± 10%) to −24 V (± 10%)
Output loop compliance to AVDD − 2.75 V
Temperature range: −40°C to +105°C
32-lead, 5 mm × 5 mm LFCSP package
APPLICATIONS
Process control
Actuator control
PLCs
GENERAL DESCRIPTION
The AD5748 is a single-channel, low cost, precision, voltage/
current output driver with hardware or software programmable
output ranges. The software ranges are configured via an SPI-/
MICROWIRE™-compatible serial interface. The AD5748 targets
applications in PLC and industrial process control. The analog
input to the AD5748 is provided from a low voltage, single-supply,
digital-to-analog converter (DAC) and is internally conditioned
to provide the desired output current/voltage range. The analog
input range is 0 V to 4.096 V.
The output current range is programmable across two current
ranges: 4 mA to 21 mA and 0 mA to 21 mA.
Voltage output is provided from a separate pin that can be
configured to provide 0 V to 5 V, 0 V to 10.5 V, or ±10.5 V
output range.
Analog outputs are short-circuit and open-circuit protected and
can drive capacitive loads of 2 μF and inductive loads of 0.1 H.
The device is specified to operate with a power supply range from
±12 V to ±24 V. Output loop compliance is 0 V to AVDD − 2.75 V.
The flexible serial interface is SPI- and MICROWIRE-compatible
and can be operated in 3-wire mode to minimize the digital
isolation required in isolated applications. The interface also
features an optional PEC error checking feature using CRC-8
error checking, useful in industrial environments where data
communication corruption can occur.
The device also includes a power-on-reset function, ensuring
that the device powers up in a known state (0 V or tristate),
and a asynchronous CLEAR pin that sets the outputs to zero
scale/midscale voltage output or the low end of the selected
current range.
An HW SELECT pin is used to configure the part for hardware
or software mode on power-up.
Note that the plots in the Typical Performance Characteristics
section of this data sheet contain information on the standard
ranges, as released in the AD5750/AD5750-1 data sheet. Although
the overranges have been tested, new plots were not generated
and substitution data was used for plotting purposes.
Table 1. Related Device
Part Number
Description
AD5422
Single-channel, 16-bit, serial input current
source and voltage output DAC


Similar Part No. - AD5748

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5748 AD-AD5748 Datasheet
821Kb / 32P
Industrial Current/Voltage Output Driver with Programmable Ranges
REV. A
AD5748 AD-AD5748 Datasheet
749Kb / 32P
Industrial Current/Voltage Output Driver
9/14-Rev. A to Rev. B
AD5748ACPZ AD-AD5748ACPZ Datasheet
821Kb / 32P
Industrial Current/Voltage Output Driver with Programmable Ranges
REV. A
AD5748ACPZ AD-AD5748ACPZ Datasheet
749Kb / 32P
Industrial Current/Voltage Output Driver
9/14-Rev. A to Rev. B
AD5748ACPZ-RL7 AD-AD5748ACPZ-RL7 Datasheet
821Kb / 32P
Industrial Current/Voltage Output Driver with Programmable Ranges
REV. A
More results

Similar Description - AD5748

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
XTR300 BURR-BROWN-XTR300 Datasheet
621Kb / 27P
Industrial Analog Current/Voltage OUTPUT DRIVER
logo
Analog Devices
AD5750 AD-AD5750 Datasheet
256Kb / 25P
Industrial Current/Voltage Output Driver, Programmable Ranges
Rev. PrC
AD5751 AD-AD5751 Datasheet
269Kb / 22P
Industrial I/V Output Driver, Single Supply, 60v Compliance, Programmable Ranges
Rev. PrA
AD5750 AD-AD5750_09 Datasheet
713Kb / 36P
Industrial Current/Voltage Output Driver with Programmable Ranges
REV. A
AD5748 AD-AD5748_1 Datasheet
821Kb / 32P
Industrial Current/Voltage Output Driver with Programmable Ranges
REV. A
AD5749 AD-AD5749 Datasheet
393Kb / 28P
Industrial Current Out Driver, Single-Supply, 55 V Maximum Supply, Programmable Ranges
REV. 0
AD5750 AD-AD5750_12 Datasheet
695Kb / 36P
Industrial Current/Voltage Output Driver
REV. D
logo
Texas Instruments
XTR300 TI1-XTR300 Datasheet
1Mb / 38P
Industrial Analog Current/Voltage OUTPUT DRIVER
logo
Analog Devices
AD5748 AD-AD5748_14 Datasheet
749Kb / 32P
Industrial Current/Voltage Output Driver
9/14-Rev. A to Rev. B
AD5751 AD-AD5751_18 Datasheet
623Kb / 32P
Industrial I/V Output Driver, Single-Supply, 55 V Maximum Supply, Programmable Ranges
1/2018-Rev. C to Rev. D
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com