Electronic Components Datasheet Search
  English  ▼

X  

AD9148 Datasheet(PDF) 12 Page - Analog Devices

Part # AD9148
Description  Quad 16-Bit,1 GSPS, TxDAC Digital-to-Analog Converter
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9148 Datasheet(HTML) 12 Page - Analog Devices

Back Button AD9148 Datasheet HTML 8Page - Analog Devices AD9148 Datasheet HTML 9Page - Analog Devices AD9148 Datasheet HTML 10Page - Analog Devices AD9148 Datasheet HTML 11Page - Analog Devices AD9148 Datasheet HTML 12Page - Analog Devices AD9148 Datasheet HTML 13Page - Analog Devices AD9148 Datasheet HTML 14Page - Analog Devices AD9148 Datasheet HTML 15Page - Analog Devices AD9148 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 73 page
background image
AD9148
Preliminary Technical Data
Rev. PrA | Page 12 of 73
Pin No.
Mnemonic
Description
B3
AUX2_N
Auxiliary DAC 2 Complementary Output Current.
B4
AUX2_P
Auxiliary DAC 2 Positive Output Current.
B11
AUX3_P
Auxiliary DAC 3 Positive Output Current.
B12
AUX3_N
Auxiliary DAC 3 Complementary Output Current.
C13
AUX4_N
Auxiliary DAC 4 Complementary Output Current.
D13
AUX4_P
Auxiliary DAC 4 Positive Output Current.
A8
I120
Tie to analog ground via 10 kΩ resistor to generate a 120 μA reference current.
A7
VREF
Band Gap Voltage Reference I/O. Decouple to analog ground via 0.1 μF
capacitor. Output impedance is approximately 5 kΩ.
B6, A6
CLK_P/CLK_N
Positive/Negative DAC Clock Input (CLK).
B9, A9
REFCLK_P/REFCLK_N or
SYNC_P/SYNC_N
PLL Reference Clock Input (REFCLK_x). This pin has a secondary function as
a synchronization input (SYNC_x).
H4
IRQ
Active Low Open-Drain Interrupt Request Output. Pull up to IOVDD with
a 10 kΩ resistor.
H3
RESET
An active low LVCMOS input resets the device. Pull up to IOVDD.
G1
SDO
Serial Data Output for SPI.
G2
CSB
Active Low Chip Select for SPI.
H1
SDIO
Serial Data Input/Output for SPI.
H2
SCLK
Qualifying Clock Input for SPI.
G11, G12
TRENCH
Connect this pin to VSS.
H12
PLL_LOCK
Active High LVCMOS Output. It indicates the lock status of the PLL circuitry.
G13
TMS
TAP Test Mode Select
G14
TDI
TAP Test Data Input.
H13
TCK
TAP Test Clock Input.
H14
TDO
TAP Test Data Output.
M1, L1
A0_P/A0_N
LVDS Data Input Pair, Port A (LSB).
P1, N1
A1_P/A1_N
LVDS Data Input Pair, Port A.
M2, L2
A2_P/A2_N
LVDS Data Input Pair, Port A.
P2, N2
A3_P/A3_N
LVDS Data Input Pair, Port A.
P3, N3
A4_P/A4_N
LVDS Data Input Pair, Port A.
P4, N4
A5_P/A5_N
LVDS Data Input Pair, Port A.
P5, N5
A6_P/A6_N
LVDS Data Input Pair, Port A.
P6, N6
A7_P/A7_N
LVDS Data Input Pair, Port A.
P7, N7
A8_P/A8_N
LVDS Data Input Pair, Port A.
P8, N8
A9_P/A9_N
LVDS Data Input Pair, Port A.
P9, N9
A10_P/A10_N
LVDS Data Input Pair, Port A.
P10, N10
A11_P/A11_N
LVDS Data Input Pair, Port A.
P11, N11
A12_P/A12_N
LVDS Data Input Pair, Port A.
P12, N12
A13_P/A13_N
LVDS Data Input Pair, Port A.
P13, N13
A14_P/A14_N
LVDS Data Input Pair, Port A.
P14, N14
A15_P/A15_N
LVDS Data Input Pair, Port A (MSB).
K13, J13
DCIA_P/DCIA_N
LVDS Data Clock Input Pair for Port A.
K14, J14
FRAMEA_P/FRAMEA_N
LVDS Frame Input for Port A.
K3, J3
B0_P/B0_N
LVDS Data Input Pair, Port B (LSB).
M3, L3
B1_P/B1_N
LVDS Data Input Pair, Port B.
K4, J4
B2_P/B2_N
LVDS Data Input Pair, Port B.
M4, L4
B3_P/B3_N
LVDS Data Input Pair, Port B.
M5, L5
B4_P/B4_N
LVDS Data Input Pair, Port B
M6, L6
B5_P/B5_N
LVDS Data Input Pair, Port B.
M7, L7
B6_P/B6_N
LVDS Data Input Pair, Port B.
M8, L8
B7_P/B7_N
LVDS Data Input Pair, Port B.
M9, L9
B8_P/B8_N
LVDS Data Input Pair, Port B.
M10, L10
B9_P/B9_N
LVDS Data Input Pair, Port B.
M11, L11
B10_P/B10_N
LVDS Data Input Pair, Port B.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com