Electronic Components Datasheet Search
  English  ▼

X  

AD9148 Datasheet(PDF) 19 Page - Analog Devices

Part # AD9148
Description  Quad 16-Bit,1 GSPS, TxDAC Digital-to-Analog Converter
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9148 Datasheet(HTML) 19 Page - Analog Devices

Back Button AD9148 Datasheet HTML 15Page - Analog Devices AD9148 Datasheet HTML 16Page - Analog Devices AD9148 Datasheet HTML 17Page - Analog Devices AD9148 Datasheet HTML 18Page - Analog Devices AD9148 Datasheet HTML 19Page - Analog Devices AD9148 Datasheet HTML 20Page - Analog Devices AD9148 Datasheet HTML 21Page - Analog Devices AD9148 Datasheet HTML 22Page - Analog Devices AD9148 Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 73 page
background image
Preliminary Technical Data
AD9148
Rev. PrA | Page 19 of 73
CENTER 150.00MHz
VBW 300kHz
SPAN 59.58MHz
#RES BW 30kHz
TOTAL CARRIER POWER –13.30dBm/15.3600MHz
REF CARRIER POWER –19.14dBm/3.84000MHz
RCC FILTER: ON
FILTER ALPHA 0.22
1 –19.14dBm
FREQ
OFFSET
INTEG BW
LOWER
dBc
dBm
UPPER
dBc
dBm
2 –19.29dBm
5.000MHz
3.840MHz
–72.59 –91.81
–72.99 –92.22
3 –19.24dBm
10.00MHz
3.840MHz
–73.58 –92.81
–74.45 –93.67
4 –19.61dBm
15.00MHz
3.840MHz
–75.18 –94.40
–75.28 –94.51
SWEEP 193.2ms (601 PTS)
Figure 36. 4-Carrier W-CDMA, fOUT = 150 MHz, fDAC = 737.28 MSPS,
4× Interpolation, −3 dBFS, PLL Off
CENTER 150.00MHz
VBW 300kHz
SPAN 59.58MHz
#RES BW 30kHz
TOTAL CARRIER POWER –13.28dBm/15.3600MHz
REF CARRIER POWER –19.07dBm/3.84000MHz
RCC FILTER: ON
FILTER ALPHA 0.22
1 –19.07dBm
FREQ
OFFSET
INTEG BW
LOWER
dBc
dBm
UPPER
dBc
dBm
2 –19.42dBm
5.000MHz
3.840MHz
–64.50
–64.39 –83.56
3 –19.28dBm
10.00MHz
3.840MHz
–65.12
–65.20 –84.37
4 –19.45dBm
15.00MHz
3.840MHz
–65.40
–83.67
–84.29
–84.57
–65.35 –84.52
SWEEP 193.2ms (601 PTS)
Figure 37. 4-Carrier W-CDMA, fOUT = 150 MHz, fDAC = 737.28 MSPS,
4× Interpolation, −3 dBFS, PLL On
START 1.0MHz
VBW 30kHz
STOP 368.6MHz
#RES BW 30kHz
SWEEP 1.685s (601 PTS)
Figure 38. 4-Carrier W-CDMA, fOUT = 150 MHz, fDAC = 737.28 MSPS,
4× Interpolation, −3 dBFS
–110
–108
–106
–104
–102
–100
–98
–96
–94
–92
–90
–88
–86
–84
–82
–80
0
50
100
150
200
250
300
fOUT (MHz)
Figure 39. Crosstalk (DAC Set 1 to DAC Set 2), 4× Interpolation,
fDATA = 150 MSPS, Digital Scale = 0 dBFS, Full-Scale Current = 20 mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com