Electronic Components Datasheet Search
  English  ▼

X  

AD9553 Datasheet(PDF) 13 Page - Analog Devices

Part # AD9553
Description  Flexible Clock Translator for GPON, Base Station, SONET/SDH, T1/E1, and Ethernet
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9553 Datasheet(HTML) 13 Page - Analog Devices

Back Button AD9553 Datasheet HTML 9Page - Analog Devices AD9553 Datasheet HTML 10Page - Analog Devices AD9553 Datasheet HTML 11Page - Analog Devices AD9553 Datasheet HTML 12Page - Analog Devices AD9553 Datasheet HTML 13Page - Analog Devices AD9553 Datasheet HTML 14Page - Analog Devices AD9553 Datasheet HTML 15Page - Analog Devices AD9553 Datasheet HTML 16Page - Analog Devices AD9553 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 44 page
background image
AD9553
Rev. 0 | Page 13 of 44
50
51
00
52
53
54
55
56
57
58
59
60
09
800
700
600
500
400
300
200
100
FREQUENCY (MHz)
LVPECL
LVDS WEAK
LVDS
STRONG
2
125mV/DIV
500ps/DIV
Figure 15. Duty Cycle vs. Output Frequency,
LVPECL and LVDS (100 Ω Load)
2
200mV/DIV
500ps/DIV
Figure 16. Typical Output Waveform, LVPECL (800 MHz)
Figure 17. Typical Output Waveform, LVDS
(800 MHz, 3.5 mA Drive Current)
2
500mV/DIV
1.25ns/DIV
Figure 18. Typical Output Waveform, CMOS
(250 MHz, 10 pF Load)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com