Electronic Components Datasheet Search
  English  ▼

X  

AD9553 Datasheet(PDF) 21 Page - Analog Devices

Part # AD9553
Description  Flexible Clock Translator for GPON, Base Station, SONET/SDH, T1/E1, and Ethernet
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9553 Datasheet(HTML) 21 Page - Analog Devices

Back Button AD9553 Datasheet HTML 17Page - Analog Devices AD9553 Datasheet HTML 18Page - Analog Devices AD9553 Datasheet HTML 19Page - Analog Devices AD9553 Datasheet HTML 20Page - Analog Devices AD9553 Datasheet HTML 21Page - Analog Devices AD9553 Datasheet HTML 22Page - Analog Devices AD9553 Datasheet HTML 23Page - Analog Devices AD9553 Datasheet HTML 24Page - Analog Devices AD9553 Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 44 page
background image
AD9553
Rev. 0 | Page 21 of 44
00
10
01
REG 0x29[7:6]
REVERTIVE
NON-REVERTIVE
11
SELECT REFA
SELECT REFB
REVERTIVE/
NON-REVERTIVE
LOGIC
SPI SELECT REFA/B
LOGIC
SEL
REFB
FROM REFA
INPUT
FROM REFB
INPUT
FROM XTAL
INPUT
SIGNAL
DETECTOR
REFA PRESENT
REFB PRESENT
XTAL PRESENT
REFA/B
SELECTION LOGIC
MUX
CONTROL
LOGIC
TO
PLL
SEL B/A
SEL B/A
SEL B/A
SEL B/A
11
FDBK
CLOCK
MUX
RA DIVIDER
÷
÷
÷
RB DIVIDER
RXO DIVIDER
Figure 21. Switchover/Holdover Block Diagram
The user can override the automatic switchover functions
(revertive and nonrevertive) and manually select the REFA
or REFB signal by programming Register 0x29[7:6] = 10 or 11,
respectively. Note, however, that the desired signal (REFA or
REFB) must be present for the device to select it.
The user can also force the device to switch to REFB by
applying a Logic 1 to the external SEL REFB pin. This overrides
a REFA selection invoked by either the revertive/nonrevertive
logic or when Register 0x29[7:6] = 10. Note, however, that
REFB must be present to be selected by the device.
PLL (PFD, Charge Pump, VCO, Feedback Divider)
The PLL (see Figure 20) consists of a phase-frequency detector
(PFD), a partially integrated analog loop filter (see Figure 22),
an integrated voltage-controlled oscillator (VCO), and a 20-bit
programmable feedback divider. The PLL generates a 3.35 GHz
to 4.05 GHz clock signal based on the frequency of FPFD (see
Figure 20) and the feedback divider value, which is phase-
locked to the input reference signal.
The PFD of the PLL drives a charge pump that increases,
decreases, or holds constant the charge stored on the loop filter
capacitors (both internal and external). The stored charge results
in a voltage that sets the output frequency of the VCO. The
feedback loop of the PLL causes the VCO control voltage to
vary in such a way as to phase lock the PFD input signals. Note
that the PFD supports input frequencies spanning 13.3 kHz to
100 MHz (implying that input frequencies between 8 kHz and
13.3 kHz must use the 2× frequency multiplier in the input path).
The PLL has a VCO with 128 frequency bands spanning a range
of 3350 MHz to 4050 MHz (3700 MHz nominal). However, the
actual operating frequency within a particular band depends on
the control voltage that appears on the loop filter capacitor. The
control voltage causes the VCO output frequency to vary linearly
within the selected band. This frequency variability allows the
control loop of the PLL to synchronize the VCO output signal
with the reference signal applied to the PFD.
Typically, selection of the VCO frequency band (as well as gain
adjustment) occurs automatically as part of the device’s automatic
VCO calibration process, which initiates at power up (or reset).
Alternatively, the user can force VCO calibration by first
enabling SPI control of VCO calibration (Register 0x0E[2] = 1)
and then writing a 1 to the calibrate VCO bit (Register 0x0E[7]).
To facilitate system debugging, the user can override the VCO
band setting by first enabling SPI control of VCO band
(Register 0x0E[0] = 1) and then writing the desired value to
Register 0x10[7:1].
The feedback divider (N-divider) sets the frequency multi-
plication factor of the PLL in integer steps over a 20-bit range.
However, the N-divider has a lower limit of 32, which sets a
minimum PLL multiplication factor of 32.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com