Electronic Components Datasheet Search
  English  ▼

X  

DS1706 Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # DS1706
Description  3.3V and 5.0V MicroMonitor
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS1706 Datasheet(HTML) 1 Page - Maxim Integrated Products

  DS1706 Datasheet HTML 1Page - Maxim Integrated Products DS1706 Datasheet HTML 2Page - Maxim Integrated Products DS1706 Datasheet HTML 3Page - Maxim Integrated Products DS1706 Datasheet HTML 4Page - Maxim Integrated Products DS1706 Datasheet HTML 5Page - Maxim Integrated Products DS1706 Datasheet HTML 6Page - Maxim Integrated Products DS1706 Datasheet HTML 7Page - Maxim Integrated Products DS1706 Datasheet HTML 8Page - Maxim Integrated Products DS1706 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
1 of 12
FEATURES
 Halts and restarts an out-of-control
microprocessor
 Holds microprocessor in check during power
transients
 Automatically restarts microprocessor after
power failure
 Monitors pushbutton for external override
 Accurate 5%, 10% or 20% resets for 3.3V
systems and 5% or 10% resets for 5.0V
systems
 Eliminates the need for discrete components
 3.3V 20% tolerance for use with 3.0V
systems
 Pin-compatible with the MAXIM
MAX705/MAX706 in 8-pin DIP, 8-pin SOIC,
and
-SOP
 8-pin DIP, 8-pin SOIC and 8-pin
-SOP
packages
 Industrial temperature range -40
C to +85C
PIN ASSIGNMENT
DS1705 and DS1706_R/S/T
(*DS1706L and DS1706P)
PIN DESCRIPTION
PBRST
- Pushbutton Reset Input
VCC
- Power Supply
GND
- Ground
IN
- Input
NMI
- Non-maskable Interrupt
ST
- Strobe Input
RST
- Active Low Reset Output
*RST
- Active High Reset Output
(DS1706P and DS1706L only)
WDS
- Watchdog Status Output
DESCRIPTION
The DS1705/DS1706 3.3- or 5.0-Volt MicroMonitor monitors three vital conditions for a microprocessor:
power supply, software execution, and external override. A precision temperature compensated reference
and comparator circuit monitor the status of VCC at the device and at an upstream point for maximum
protection. When the sense input detects an out-of-tolerance condition, a non-maskable interrupt is
generated. As the voltage at the device degrades, an internal power fail signal is generated which forces
DS1705/DS1706
3.3V and 5.0V MicroMonitor
19-5212; Rev 4/10
www.maxim-ic.com
8-Pin
-SOP (118-mil)
See Mech. Drawings Section on website
RST(*RST)
WDS
PBRST
VCC
ST
NMI
IN
GND
1
2
3
4
8
7
6
5
8-Pin DIP (300 -mil)
PBRST
VCC
GND
IN
WDS
RST
ST
NMI
1
2
3
4
8
7
6
5
8-Pin SOIC (150-mil)
1
2
3
4
8
7
6
5
PBRST
VCC
GND
IN
WDS
RST(*RST)
ST
NMI


Similar Part No. - DS1706

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS1706 DALLAS-DS1706 Datasheet
76Kb / 10P
3.3 and 5.0 Volt MicroMonitor
logo
Maxim Integrated Produc...
DS1706EPA MAXIM-DS1706EPA Datasheet
269Kb / 12P
3.3V and 5.0V MicroMonitor
Rev 4/10
DS1706ESA MAXIM-DS1706ESA Datasheet
269Kb / 12P
3.3V and 5.0V MicroMonitor
Rev 4/10
DS1706EUA MAXIM-DS1706EUA Datasheet
269Kb / 12P
3.3V and 5.0V MicroMonitor
Rev 4/10
logo
Dallas Semiconductor
DS1706L DALLAS-DS1706L Datasheet
76Kb / 10P
3.3 and 5.0 Volt MicroMonitor
More results

Similar Description - DS1706

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS1814 DALLAS-DS1814 Datasheet
146Kb / 8P
5V and 3.3V MicroMonitor
DS1831C DALLAS-DS1831C Datasheet
76Kb / 14P
3.3V/2.5V Multi-Supply MicroMonitor
logo
Maxim Integrated Produc...
DS1706SESA MAXIM-DS1706SESA Datasheet
269Kb / 12P
3.3V and 5.0V MicroMonitor
Rev 4/10
logo
M.S. Kennedy Corporatio...
MSK5010-33 MSK-MSK5010-33_15 Datasheet
743Kb / 7P
Available in 3.3V, 5.0V and 12.0V versions
MSK5010-120 MSK-MSK5010-120_15 Datasheet
743Kb / 7P
Available in 3.3V, 5.0V and 12.0V versions
MSK5020-33 MSK-MSK5020-33_15 Datasheet
422Kb / 6P
Available in 3.3V, 5.0V and 12.0V versions
MSK5020-120 MSK-MSK5020-120_15 Datasheet
422Kb / 6P
Available in 3.3V, 5.0V and 12.0V versions
logo
Central Semiconductor C...
PB_CMATVS3V3_1509 CENTRAL-PB_CMATVS3V3_1509 Datasheet
1Mb / 2P
3.3V and 5.0V Transient Voltage Suppressors
logo
Maxim Integrated Produc...
DS1831C MAXIM-DS1831C Datasheet
197Kb / 15P
3.3V/2.5V Multisupply MicroMonitor
060303
DS1814 MAXIM-DS1814 Datasheet
152Kb / 8P
5V and 3.3V MicroMonitor
122001
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com