Electronic Components Datasheet Search
  English  ▼

X  

DS8113 Datasheet(PDF) 8 Page - Maxim Integrated Products

Part # DS8113
Description  Smart Card Interface
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS8113 Datasheet(HTML) 8 Page - Maxim Integrated Products

Back Button DS8113 Datasheet HTML 4Page - Maxim Integrated Products DS8113 Datasheet HTML 5Page - Maxim Integrated Products DS8113 Datasheet HTML 6Page - Maxim Integrated Products DS8113 Datasheet HTML 7Page - Maxim Integrated Products DS8113 Datasheet HTML 8Page - Maxim Integrated Products DS8113 Datasheet HTML 9Page - Maxim Integrated Products DS8113 Datasheet HTML 10Page - Maxim Integrated Products DS8113 Datasheet HTML 11Page - Maxim Integrated Products DS8113 Datasheet HTML 12Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
Detailed Description
The DS8113 is an analog front-end for communicating
with 1.8V, 3V, and 5V smart cards. It is a dual input-
voltage device, requiring one supply to match that of a
host microcontroller and a separate +5V supply for
generating correct smart card supply voltages. The
DS8113 translates all communication lines to the cor-
rect voltage level and provides power for smart card
operation. It is a low-power device, consuming very lit-
tle current in active-mode operation (during a smart
card communication session), and is suitable for use in
battery-powered devices such as laptops and PDAs,
consuming only 10nA in stop mode. See Figure 1 for a
functional diagram.
Power Supply
The DS8113 is a dual-supply device. The supply pins
for the device are VDD, GND, VDDA, and PGND. VDD
should be in the range of 2.7V to 6.0V, and is the sup-
ply for signals that interface with the host controller. It
should, therefore, be the same supply as used by the
host controller. All smart card contacts remain inactive
during power-on or power-off. The internal circuits are
kept in the reset state until VDD reaches VTH2 + VHYS2
and for the duration of the internal power-on reset
pulse, tW. A deactivation sequence is executed when
VDD falls below VTH2.
An internal regulator generates the 1.8V, 3V, or 5V card
supply voltage (VCC). The regulator should be supplied
separately by VDDA and PGND. VDDA should be con-
nected to a minimum 5.0V supply in order to provide
the correct supply voltage for 5V smart cards.
Voltage Supervisor
The voltage supervisor monitors the VDD supply. A
220µs reset pulse (tW) is used internally to keep the
device inactive during power-on or power-off of the
VDD supply. See Figure 2.
The DS8113 card interface remains inactive no matter
the levels on the command lines until duration tW after
VDD has reached a level higher than VTH2 + VHYS2.
When VDD falls below VTH2, the DS8113 executes a
card deactivation sequence if its card interface is
active.
Smart Card Interface
8
_______________________________________________________________________________________
TEMPERATURE
MONITOR
CARD VOLTAGE
GENERATOR
CLOCK
GENERATION
CONTROL
SEQUENCER
POWER-SUPPLY
SUPERVISOR
I/O TRANSCEIVER
VDD
GND
VDDA
PGND
CP1
CP2
VUP
VCC
XTAL1
XTAL2
CLKDIV1
CLKDIV2
1_8V
5V/3V
CMDVCC
RSTIN
CGND
RST
CLK
I/O
AUX1
AUX2
PRES
PRES
OFF
I/OIN
AUX1IN
AUX2IN
DS8113
Figure 1. Functional Diagram
VDD
ALARM
(INTERNAL SIGNAL)
POWER ON
tW
tW
POWER OFF
VTH2 + VHYS2
VTH2
SUPPLY DROPOUT
Figure 2. Voltage Supervisor Behavior



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com