Electronic Components Datasheet Search
  English  ▼

X  

DS8113 Datasheet(PDF) 9 Page - Maxim Integrated Products

Part # DS8113
Description  Smart Card Interface
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS8113 Datasheet(HTML) 9 Page - Maxim Integrated Products

Back Button DS8113 Datasheet HTML 5Page - Maxim Integrated Products DS8113 Datasheet HTML 6Page - Maxim Integrated Products DS8113 Datasheet HTML 7Page - Maxim Integrated Products DS8113 Datasheet HTML 8Page - Maxim Integrated Products DS8113 Datasheet HTML 9Page - Maxim Integrated Products DS8113 Datasheet HTML 10Page - Maxim Integrated Products DS8113 Datasheet HTML 11Page - Maxim Integrated Products DS8113 Datasheet HTML 12Page - Maxim Integrated Products DS8113 Datasheet HTML 13Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
Clock Circuitry
The card clock signal (CLK) is derived from a clock sig-
nal input to XTAL1 or from a crystal operating at up to
20MHz connected between XTAL1 and XTAL2. The
output clock frequency of CLK is selectable through
inputs CLKDIV1 and CLKDIV2. The CLK signal fre-
quency can be fXTAL, fXTAL/2, fXTAL/4, or fXTAL/8. See
Table 1 for the frequency generated on the CLK signal
given the inputs to CLKDIV1 and CLKDIV2.
Note that CLKDIV1 and CLKDIV2 must not be changed
simultaneously; a delay of 10ns minimum between
changes is needed. The minimum duration of any state
of CLK is eight periods of XTAL1.
The frequency change is synchronous: during a transi-
tion of the clock divider, no pulse is shorter than 45% of
the smallest period, and the first and last clock pulses
about the instant of change have the correct width.
When changing the frequency dynamically, the change
is effective for only eight periods of XTAL1 after the
command.
The fXTAL duty factor depends on the input signal on
XTAL1. To reach a 45% to 55% duty factor on CLK,
XTAL1 should have a 48% to 52% duty factor with tran-
sition times less than 5% of the period.
With a crystal, the duty factor on CLK can be 45% to
55% depending on the circuit layout and on the crystal
characteristics and frequency. In other cases, the duty
factor on CLK is guaranteed between 45% and 55% of
the clock period.
If the crystal oscillator is used or if the clock pulse on
XTAL1 is permanent, the clock pulse is applied to the
card as shown in the activation sequences in Figures 3
and 4. If the signal applied to XTAL1 is controlled by
the host microcontroller, the clock pulse is applied to
the card when it is sent by the system microcontroller
(after completion of the activation sequence).
I/O Transceivers
The three data lines I/O, AUX1, and AUX2 are identical.
This section describes the characteristics of I/O and
I/OIN but also applies to AUX1, AUX1IN, AUX2, and
AUX2IN.
I/O and I/OIN are pulled high with an 11k
Ω resistor (I/O
to VCC and I/OIN to VDD) in the inactive state. The first
side of the transceiver to receive a falling edge
becomes the master. When a falling edge is detected
(and the master is decided), the detection of falling
edges on the line of the other side is disabled; that side
then becomes a slave. After a time delay tD(EDGE), an n
transistor on the slave side is turned on, thus transmit-
ting the logic 0 present on the master side.
When the master side asserts a logic 1, a p transistor
on the slave side is activated during the time delay tPU
and then both sides return to their inactive (pulled up)
states. This active pullup provides fast low-to-high tran-
sitions. After the duration of tPU, the output voltage
depends only on the internal pullup resistor and the
load current. Current to and from the card I/O lines is
limited internally to 15mA. The maximum frequency on
these lines is 1MHz.
Inactive Mode
The DS8113 powers up with the card interface in the
inactive mode. Minimal circuitry is active while waiting
for the host to initiate a smart card session.
• All card contacts are inactive (approximately 200
Ω
to GND).
• Pins I/OIN, AUX1IN, and AUX2IN are in the high-
impedance state (11k
Ω pullup resistor to VDD).
• Voltage generators are stopped.
• XTAL oscillator is running (if included in the device).
• Voltage supervisor is active.
• The internal oscillator is running at its low frequency.
Activation Sequence
After power-on and the reset delay, the host microcon-
troller can monitor card presence with signals OFF and
CMDVCC, as shown in Table 2.
Smart Card Interface
_______________________________________________________________________________________
9
Table 1. Clock Frequency Selection
CLKDIV1
CLKDIV2
fCLK
0
0
fXTAL/8
0
1
fXTAL/4
1
1
fXTAL/2
1
0
fXTAL
Table 2. Card Presence Indication
OFF
CMDVCC
STATUS
High
High
Card present.
Low
High
Card not present.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com