Electronic Components Datasheet Search
  English  ▼

X  

74ABT657 Datasheet(PDF) 7 Page - NXP Semiconductors

Part # 74ABT657
Description  Octal transceiver with parity generator/checker; 3-state
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

74ABT657 Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button 74ABT657 Datasheet HTML 3Page - NXP Semiconductors 74ABT657 Datasheet HTML 4Page - NXP Semiconductors 74ABT657 Datasheet HTML 5Page - NXP Semiconductors 74ABT657 Datasheet HTML 6Page - NXP Semiconductors 74ABT657 Datasheet HTML 7Page - NXP Semiconductors 74ABT657 Datasheet HTML 8Page - NXP Semiconductors 74ABT657 Datasheet HTML 9Page - NXP Semiconductors 74ABT657 Datasheet HTML 10Page - NXP Semiconductors 74ABT657 Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
74ABT657_3
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 03 — 15 March 2010
7 of 17
NXP Semiconductors
74ABT657
Octal transceiver with parity generator/checker; 3-state
9.
Static characteristics
[1]
This parameter is valid for any VCC between 0 V and 2.1 V with a transition time of up to 10 ms. For VCC =2.1 VtoVCC =5V ± 10 %, a
transition time of up to 100
µs is permitted.
[2]
Not more than one output should be tested at a time, and the duration of the test should not exceed one second.
[3]
This is the increase in supply current for each input at 3.4 V.
Table 6.
Static characteristics
Symbol Parameter
Conditions
25
°C
−40 °Cto+85 °C Unit
Min
Typ
Max
Min
Max
VIK
input clamping voltage
VCC = 4.5 V; IIK = −18 mA
−1.2
−0.9
-
−1.2
-
V
VOH
HIGH-level output
voltage
VI = VIL or VIH
VCC = 4.5 V; IOH = −3 mA
2.5
3.5
-
2.5
-
V
VCC = 5.0 V; IOH = −3 mA
3.0
4.0
-
3.0
-
V
VCC = 4.5 V; IOH = −32 mA
2.0
2.6
-
2.0
-
V
VOL
LOW-level output voltage VCC = 4.5 V; IOL =64mA;
VI =VIL or VIH
-
0.42
0.55
-
0.55
V
II
input leakage current
VCC = 5.5 V; VI = GND or 5.5 V
control pins
-
±0.01 ±1.0
-
±1.0
µA
data pins
-
±5
±100
-
±100
µA
IOFF
power-off leakage
current
VCC = 0 V; VI or VO ≤ 4.5 V
-
±5.0 ±100
-
±100
µA
IO(pu/pd)
power-up/power-down
output current
VCC = 2.0 V; VO = 0.5 V;
VI = GND or VCC; OE HIGH
[1]
-
±5.0
±50
-
±50
µA
IOZ
OFF-state output current VCC = 5.5 V; VI =VIL or VIH
VO = 2.7 V
-
5.0
50
-
50
µA
VO = 0.5 V
-
−5.0
−50
-
−50
µA
ILO
output leakage current
HIGH-state; VO = 5.5 V;
VCC = 5.5 V; VI = GND or VCC
-
5.0
50
-
50
µA
IO
output current
VCC = 5.5 V; VO = 2.5 V
[2]
−180 −100
−50
−180
−50
mA
ICC
supply current
VCC = 5.5 V; VI = GND or VCC
outputs HIGH-state
-
0.5
250
-
250
µA
outputs LOW-state
-
20
30
-
30
mA
outputs disabled
-
0.5
250
-
250
µA
∆ICC
additional supply current
per input pin; VCC = 5.5 V; one
input at 3.4 V; other inputs at VCC
or GND
[3]
outputs enabled
-
0.5
1.5
-
1.5
mA
outputs 3-state, one data input
-
50
250
-
250
µA
outputs 3-state; one enable input
-
0.5
1.5
-
1.5
mA
CI
input capacitance
VI = 0 V or VCC
-4-
-
-
pF
CI/O
input/output capacitance
outputs disabled; VO = 0 V or VCC
-7-
-
-
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com