Electronic Components Datasheet Search
  English  ▼

X  

74ABT657 Datasheet(PDF) 8 Page - NXP Semiconductors

Part # 74ABT657
Description  Octal transceiver with parity generator/checker; 3-state
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

74ABT657 Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button 74ABT657 Datasheet HTML 4Page - NXP Semiconductors 74ABT657 Datasheet HTML 5Page - NXP Semiconductors 74ABT657 Datasheet HTML 6Page - NXP Semiconductors 74ABT657 Datasheet HTML 7Page - NXP Semiconductors 74ABT657 Datasheet HTML 8Page - NXP Semiconductors 74ABT657 Datasheet HTML 9Page - NXP Semiconductors 74ABT657 Datasheet HTML 10Page - NXP Semiconductors 74ABT657 Datasheet HTML 11Page - NXP Semiconductors 74ABT657 Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
74ABT657_3
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 03 — 15 March 2010
8 of 17
NXP Semiconductors
74ABT657
Octal transceiver with parity generator/checker; 3-state
10. Dynamic characteristics
[1]
These delay times reflect the 3-state recovery time only and do not include the delay through the buffers and the parity check circuitry
which affect the ERROR output. To ensure valid information at the ERROR pin, time must be allowed for the signal to propagate
through the drivers (B to A), through the parity check circuitry (same as A to PARITY), and to the ERROR output. Valid data at the
ERROR pin
≥ (B to A) + (A to PARITY).
Table 7.
Dynamic characteristics
GND = 0 V; for test circuit, see Figure 9.
Symbol Parameter
Conditions
25
°C; V
CC = 5.0 V
−40 °C to +85 °C;
VCC = 5.0 V ± 0.5 V
Unit
Min
Typ
Max
Min
Max
tPLH
LOW to HIGH
propagation delay
An to Bn or Bn to An; see Figure 6
1.1
2.5
4.1
1.1
4.6
ns
An to PARITY; see Figure 5 and 6
2.5
5.1
6.7
2.5
8.1
ns
ODD/EVEN to PARITY and ERROR;
see Figure 5 and 6
1.7
3.5
4.6
1.7
5.3
ns
Bn to ERROR; see Figure 5 and 6
3.9
7.3
10.2
3.9
12.3
ns
PARITY to ERROR; see Figure 5 and 6
2.7
4.5
5.9
2.7
7.7
ns
tPHL
HIGH to LOW
propagation delay
An to Bn or Bn to An; see Figure 6
1.2
3.0
3.9
1.2
4.3
ns
An to PARITY; see Figure 5 and 6
2.8
5.0
7.4
2.8
8.9
ns
ODD/EVEN to PARITY and ERROR;
see Figure 5 and 6
1.9
3.7
5.1
1.9
5.8
ns
Bn to ERROR; see Figure 5 and 6
4.0
7.9
10.5
4.0
12.9
ns
PARITY to ERROR; see Figure 5 and 6
3.2
5.2
6.7
3.2
8.1
ns
tPZH
OFF-state to HIGH
propagation delay
see Figure 7 and 8
[1]
1.3
3.6
5.5
1.3
6.5
ns
tPZL
OFF-state to LOW
propagation delay
see Figure 7 and 8
[1]
1.9
4.2
5.3
1.9
6.5
ns
tPHZ
HIGH to OFF-state
propagation delay
see Figure 7 and 8
2.4
3.6
5.6
2.4
6.2
ns
tPLZ
LOW to OFF-state
propagation delay
see Figure 7 and 8
2.2
3.4
7.3
2.2
7.8
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com