Electronic Components Datasheet Search
  English  ▼

X  

EP13 Datasheet(PDF) 6 Page - Ferroxcube International Holding B.V.

Part # EP13
Description  EP cores and accessories
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FERROXCUBE [Ferroxcube International Holding B.V.]
Direct Link  http://www.ferroxcube.com
Logo FERROXCUBE - Ferroxcube International Holding B.V.

EP13 Datasheet(HTML) 6 Page - Ferroxcube International Holding B.V.

  EP13 Datasheet HTML 1Page - Ferroxcube International Holding B.V. EP13 Datasheet HTML 2Page - Ferroxcube International Holding B.V. EP13 Datasheet HTML 3Page - Ferroxcube International Holding B.V. EP13 Datasheet HTML 4Page - Ferroxcube International Holding B.V. EP13 Datasheet HTML 5Page - Ferroxcube International Holding B.V. EP13 Datasheet HTML 6Page - Ferroxcube International Holding B.V. EP13 Datasheet HTML 7Page - Ferroxcube International Holding B.V. EP13 Datasheet HTML 8Page - Ferroxcube International Holding B.V.  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
2008 Sep 01
697
Ferroxcube
EP cores and accessories
EP13
General data CSHS-EP13-1S-10P-T
Winding data and area product for EP13 coil former
PARAMETER
SPECIFICATION
Coil former material
phenolformaldehyde (PF), glass-reinforced, flame retardant in accordance with
“UL 94V-0”; UL file number E41429 (M)
Pin material
copper-clad steel, tin (Sn) plated
Maximum operating temperature
155
°C, “IEC 60085”, class F
Resistance to soldering heat
“IEC 60068-2-20” , Part 2, Test Tb, method 1B, 350
°C, 3.5 s
Solderability
“IEC 60068-2-20”, Part 2, Test Ta, method 1, 235
°C, 2 s
NUMBER OF
SECTIONS
MINIMUM
WINDING
AREA
(mm2)
NOMINAL
WINDING
WIDTH
(mm)
AVERAGE
LENGTH OF
TURN
(mm)
AREA
PRODUCT
Ae x Aw
(mm4)
TYPE NUMBER
1
13.5
7.5
23.8
263
CSHS-EP13-1S-10P-T
handbook, full pagewidth
9.5
−0.1
5.8
−0.1
4.6
+0.1
CBW505
8.9
−0.1
7.5 min.
13.1 max.
10
0.7
5
15.1 max.
2.5
1.6
11.85
1.8
1.8
9.95
max.
0.35
10.5
2.8
Fig.3 EP13 coil former.
Dimensions in mm.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com