Electronic Components Datasheet Search
  English  ▼

X  

EP13 Datasheet(PDF) 7 Page - Ferroxcube International Holding B.V.

Part # EP13
Description  EP cores and accessories
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FERROXCUBE [Ferroxcube International Holding B.V.]
Direct Link  http://www.ferroxcube.com
Logo FERROXCUBE - Ferroxcube International Holding B.V.

EP13 Datasheet(HTML) 7 Page - Ferroxcube International Holding B.V.

  EP13 Datasheet HTML 1Page - Ferroxcube International Holding B.V. EP13 Datasheet HTML 2Page - Ferroxcube International Holding B.V. EP13 Datasheet HTML 3Page - Ferroxcube International Holding B.V. EP13 Datasheet HTML 4Page - Ferroxcube International Holding B.V. EP13 Datasheet HTML 5Page - Ferroxcube International Holding B.V. EP13 Datasheet HTML 6Page - Ferroxcube International Holding B.V. EP13 Datasheet HTML 7Page - Ferroxcube International Holding B.V. EP13 Datasheet HTML 8Page - Ferroxcube International Holding B.V.  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
2008 Sep 01
698
Ferroxcube
EP cores and accessories
EP13
MOUNTING PARTS
General data
ITEM
REMARKS
FIGURE
TYPE NUMBER
Clasp
copper-nickel-zinc alloy (nickel silver), tin (Sb) plated
4
CLA-EP13
Spring
copper-nickel-zinc alloy (nickel silver)
5
SPR-EP13
Clip
stainless steel (CrNi); clamping force
≈32 N
6
CLI-EP13
handbook, halfpage
16.8
2.6
12.9
4
1
7.5
0.4 TYP
MGB590
11.7
Fig.4 Mounting clasp CLA-EP13.
Dimensions in mm.
handbook, halfpage
CBW619
12.7
14
7.5
0.4
TYP
Fig.5 Mounting spring SPR-EP13.
Dimensions in mm.
handbook, halfpage
6.8
0.25
6
14.5
12.8 +
0.2
0
12.2
0
−0.3
CBW090
Fig.6 Mounting clip CLI-EP13.
Dimensions in mm.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com