Electronic Components Datasheet Search
  English  ▼

X  

P30 Datasheet(PDF) 2 Page - Ferroxcube International Holding B.V.

Part # P30
Description  P cores and accessories
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FERROXCUBE [Ferroxcube International Holding B.V.]
Direct Link  http://www.ferroxcube.com
Logo FERROXCUBE - Ferroxcube International Holding B.V.

P30 Datasheet(HTML) 2 Page - Ferroxcube International Holding B.V.

  P30 Datasheet HTML 1Page - Ferroxcube International Holding B.V. P30 Datasheet HTML 2Page - Ferroxcube International Holding B.V. P30 Datasheet HTML 3Page - Ferroxcube International Holding B.V. P30 Datasheet HTML 4Page - Ferroxcube International Holding B.V. P30 Datasheet HTML 5Page - Ferroxcube International Holding B.V. P30 Datasheet HTML 6Page - Ferroxcube International Holding B.V. P30 Datasheet HTML 7Page - Ferroxcube International Holding B.V. P30 Datasheet HTML 8Page - Ferroxcube International Holding B.V. P30 Datasheet HTML 9Page - Ferroxcube International Holding B.V.  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
2008 Sep 01
1008
Ferroxcube
P cores and accessories
P30/19
CORE SETS
Effective core parameters
SYMBOL
PARAMETER
VALUE
UNIT
Σ(I/A)
core factor (C1)
0.330
mm−1
Ve
effective volume
6190
mm3
Ie
effective length
45.2
mm
Ae
effective area
137
mm2
Amin
minimum area
116
mm2
m
mass of set
≈ 34
g
CBW427
4.3
±0.6
13.5
0
−0.4
25 +
0.8
0
30
±0.5
20.5
±0.5
∅5.4 +
0.2
0
13 +
0.4
0
18.8
±0.2
0.5 +
0.2
0
Fig.1 P30/19 core set.
Dimensions in mm.
Core sets for general purpose transformers and power applications
Clamping force for AL measurements, 250
±50 N.
GRADE
AL
(nH)
µe
TOTAL AIR GAP
(
µm)
TYPE NUMBER
3C81
250
±3%
≈ 66
≈ 840
P30/19-3C81-E250
315
±3%
≈ 83
≈ 640
P30/19-3C81-A315
400
±3%
≈ 105
≈ 480
P30/19-3C81-A400
630
±3%
≈ 165
≈ 290
P30/19-3C81-A630
1000
±3%
≈ 263
≈ 170
P30/19-3C81-A1000
8300
±25%
≈ 2180
≈ 0
P30/19-3C81
3C91
8300
±25%
≈ 2180
≈ 0
P30/19-3C91
3F3
250
±3%
≈ 66
≈ 840
P30/19-3F3-E250
315
±3%
≈ 83
≈ 640
P30/19-3F3-A315
400
±3%
≈ 105
≈ 480
P30/19-3F3-A400
630
±3%
≈ 165
≈ 290
P30/19-3F3-A630
1000
±3%
≈ 263
≈ 170
P30/19-3F3-A1000
5750
±25%
≈ 1510
≈ 0
P30/19-3F3



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com