Electronic Components Datasheet Search
  English  ▼

X  

P30 Datasheet(PDF) 6 Page - Ferroxcube International Holding B.V.

Part # P30
Description  P cores and accessories
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FERROXCUBE [Ferroxcube International Holding B.V.]
Direct Link  http://www.ferroxcube.com
Logo FERROXCUBE - Ferroxcube International Holding B.V.

P30 Datasheet(HTML) 6 Page - Ferroxcube International Holding B.V.

  P30 Datasheet HTML 1Page - Ferroxcube International Holding B.V. P30 Datasheet HTML 2Page - Ferroxcube International Holding B.V. P30 Datasheet HTML 3Page - Ferroxcube International Holding B.V. P30 Datasheet HTML 4Page - Ferroxcube International Holding B.V. P30 Datasheet HTML 5Page - Ferroxcube International Holding B.V. P30 Datasheet HTML 6Page - Ferroxcube International Holding B.V. P30 Datasheet HTML 7Page - Ferroxcube International Holding B.V. P30 Datasheet HTML 8Page - Ferroxcube International Holding B.V. P30 Datasheet HTML 9Page - Ferroxcube International Holding B.V.  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
2008 Sep 01
1012
Ferroxcube
P cores and accessories
P30/19
MOUNTING PARTS
General data and ordering information
ITEM
REMARKS
FIGURE
TYPE NUMBER
Tag plate
material: phenolformaldehyde (PF), glass reinforced
4
TGP-P30/19-C
flame retardant: in accordance with “UL 94V-0”;
UL file number E41429
maximum operating temperature: 180
°C, “IEC 60085”, class H
pins: copper-tin alloy (CuSn), tin (Sn) plated
resistance to soldering heat in accordance with
“IEC 60068-2-20” , Part 2, Test Tb, method 1B: 350
°C, 3.5 s
solderability in accordance with “IEC 60068-2-20”, Part 2,
Test Ta, method 1: 235
°C, 2 s
Container
copper-zinc alloy (CuZn), tin (Sn) plated
5
CON-P30/19
earth pins: presoldered
Spring
CrNi-steel
6
SPR-P30/19
spring force:
≈250 N when mounted
Clamp
spring steel, tin-plated
7
CLM/TS-P30/19
Fig.4 Tag plate: TGP-P30/19-C.
Dimensions in mm.
handbook, full pagewidth
2.1
6
2.2
20
15.24
10.16
10.16
5.08
15.24
mark
32.4 max.
4.8
∅8.4
∅0.8
2.54
CBW272
1.3 +
0.15
0



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com