Electronic Components Datasheet Search
  English  ▼

X  

74F269 Datasheet(PDF) 13 Page - NXP Semiconductors

Part # 74F269
Description  8-bit bidirectional binary counter
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

74F269 Datasheet(HTML) 13 Page - NXP Semiconductors

Back Button 74F269 Datasheet HTML 9Page - NXP Semiconductors 74F269 Datasheet HTML 10Page - NXP Semiconductors 74F269 Datasheet HTML 11Page - NXP Semiconductors 74F269 Datasheet HTML 12Page - NXP Semiconductors 74F269 Datasheet HTML 13Page - NXP Semiconductors 74F269 Datasheet HTML 14Page - NXP Semiconductors 74F269 Datasheet HTML 15Page - NXP Semiconductors 74F269 Datasheet HTML 16Page - NXP Semiconductors 74F269 Datasheet HTML 17Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 19 page
background image
74F269_5
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 05 — 25 March 2010
13 of 19
NXP Semiconductors
74F269
8-bit bidirectional binary counter
a. Input pulse definition
b. Test circuit
Test data is given in Table 8.
Definitions for test circuit:
CL = Load capacitance including jig and probe capacitance.
RL = Load resistance.
RT = Termination resistance should be equal to output impedance Zo of the pulse generator.
VEXT = External voltage for measuring switching times.
Fig 13. Test circuit for measuring switching times
001aai298
VM
VM
tW
tW
10 %
90 %
90 %
0 V
VI
VI
negative
pulse
positive
pulse
0 V
VM
VM
90 %
10 %
90 %
10 %
10 %
tf
tr
tr
tf
VEXT
VCC
VI
VO
mna616
DUT
CL
RT
RL
RL
G
Table 8.
Test data
Input
Load
VEXT
VI
fI
tW
tr, tf
CL
RL
tPHL, tPLH
tPZH, tPHZ
tPZL, tPLZ
3.0 V
1 MHz
500 ns
≤ 2.5 ns
50 pF
500
Ω
open
open
7.0 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com