Electronic Components Datasheet Search
  English  ▼

X  

74HC299DB Datasheet(PDF) 2 Page - NXP Semiconductors

Part # 74HC299DB
Description  8-bit universal shift register; 3-state
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

74HC299DB Datasheet(HTML) 2 Page - NXP Semiconductors

  74HC299DB Datasheet HTML 1Page - NXP Semiconductors 74HC299DB Datasheet HTML 2Page - NXP Semiconductors 74HC299DB Datasheet HTML 3Page - NXP Semiconductors 74HC299DB Datasheet HTML 4Page - NXP Semiconductors 74HC299DB Datasheet HTML 5Page - NXP Semiconductors 74HC299DB Datasheet HTML 6Page - NXP Semiconductors 74HC299DB Datasheet HTML 7Page - NXP Semiconductors 74HC299DB Datasheet HTML 8Page - NXP Semiconductors 74HC299DB Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
74HC_HCT299_3
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 03 — 28 July 2008
2 of 24
NXP Semiconductors
74HC299; 74HCT299
8-bit universal shift register; 3-state
3.
Ordering information
4.
Functional diagram
Table 1.
Ordering information
Type number
Package
Temperature range
Name
Description
Version
74HC299
74HC299D
−40 °C to +125 °C
SO20
plastic small outline package; 20 leads; body
width 7.5 mm
SOT163-1
74HC299DB
−40 °C to +125 °C
SSOP20
plastic shrink small outline package; 20 leads;
body width 5.3 mm
SOT339-1
74HC299N
−40 °C to +125 °C
DIP20
plastic dual in-line package; 20 leads (300 mil)
SOT146-1
74HC299PW
−40 °C to +125 °C
TSSOP20
plastic thin shrink small outline package; 20 leads;
body width 4.4 mm
SOT360-1
74HCT299
74HCT299D
−40 °C to +125 °C
SO20
plastic small outline package; 20 leads; body
width 7.5 mm
SOT163-1
74HCT299DB
−40 °C to +125 °C
SSOP20
plastic shrink small outline package; 20 leads;
body width 5.3 mm
SOT339-1
74HCT299N
−40 °C to +125 °C
DIP20
plastic dual in-line package; 20 leads (300 mil)
SOT146-1
74HCT299PW
−40 °C to +125 °C
TSSOP20
plastic thin shrink small outline package; 20 leads;
body width 4.4 mm
SOT360-1
Fig 1.
Functional diagram
001aai460
INPUT/3-STATE OUTPUT CIRCUITRY
8-BIT SHIFT REGISTER
I/O0
CP
Q0
MR
2
8
9
3
12
11
DSR
7
I/O1
13
I/O2
6
I/O3
14
I/O4
515
I/O5
119
I/O6
4
I/O7
16
Q7
S0
S1
DSL
17
18
OE1
OE2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com