Electronic Components Datasheet Search
  English  ▼

X  

74HC299DB Datasheet(PDF) 9 Page - NXP Semiconductors

Part # 74HC299DB
Description  8-bit universal shift register; 3-state
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

74HC299DB Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button 74HC299DB Datasheet HTML 5Page - NXP Semiconductors 74HC299DB Datasheet HTML 6Page - NXP Semiconductors 74HC299DB Datasheet HTML 7Page - NXP Semiconductors 74HC299DB Datasheet HTML 8Page - NXP Semiconductors 74HC299DB Datasheet HTML 9Page - NXP Semiconductors 74HC299DB Datasheet HTML 10Page - NXP Semiconductors 74HC299DB Datasheet HTML 11Page - NXP Semiconductors 74HC299DB Datasheet HTML 12Page - NXP Semiconductors 74HC299DB Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
74HC_HCT299_3
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 03 — 28 July 2008
9 of 24
NXP Semiconductors
74HC299; 74HCT299
8-bit universal shift register; 3-state
[1]
CPD is used to determine the dynamic power dissipation (PD in µW).
PD =CPD × VCC2 × fi + ∑(CL × VCC2 × fo) where:
fi = input frequency in MHz;
fo = output frequency in MHz;
VIL
LOW-level
input voltage
VCC = 4.5 V to 5.5 V
-
1.2
0.8
-
0.8
-
0.8
V
VOH
HIGH-level
output voltage
VI = VIH or VIL; VCC = 4.5 V
all outputs
IO = −20 µA
4.4
4.5
-
4.4
-
4.4
-
V
standard outputs
IO = −4.0 mA
3.98
4.32
-
3.84
-
3.7
-
V
bus driver outputs
IO = −6.0 mA
3.98
4.32
-
3.84
-
3.7
-
V
VOL
LOW-level
output voltage
VI = VIH or VIL; VCC = 4.5 V
all outputs
IO = 20 µA
-
0
0.1
-
0.1
-
0.1
V
standard outputs
IO = 4.0 mA
-
0.15
0.26
-
0.33
-
0.4
V
bus driver outputs
IO = 6.0 mA
-
0.16
0.26
-
0.33
-
0.4
V
II
input leakage
current
VI = VCC or GND;
VCC = 5.5 V
--
±0.1
-
±1.0
-
±1.0 µA
IOZ
OFF-state output
current
VI =VIH or VIL;VO =VCC or
GND per input pin; other
inputs at VCC or GND;
IO = 0 A; VCC = 5.5 V
--
±0.5
-
±5.0
-
±10.0 µA
ICC
supply current
VI =VCC or GND; IO =0A;
VCC = 5.5 V
-
-
8.0
-
80
-
160
µA
∆ICC
additional supply
current
per input pin;
VI =VCC − 2.1 V;
other inputs at VCC or
GND; IO =0A;
VCC = 4.5 V to 5.5 V
I/On, DSR, DSL, MR
and S1
-
25
90
-
112.5
-
122.5
µA
CP, S0
-
60
216
-
270
-
294
µA
OEn
-
30
108
-
135
-
147
µA
CI
input capacitance
-
3.5
-
-
-
-
-
pF
CI/O
input/output
capacitance
-
10
-
----
pF
CPD
power dissipation
capacitance
per package
[1]
-
125
-----
pF
Table 6.
Static characteristics …continued
At recommended operating conditions; voltages are referenced to GND (ground = 0 V).
Symbol
Parameter
Conditions
25
°C
−40 °C to
+85
°C
−40 °C to
+125
°C
Unit
Min
Typ
Max
Min
Max
Min
Max



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com