Electronic Components Datasheet Search
  English  ▼

X  

74HC366 Datasheet(PDF) 6 Page - NXP Semiconductors

Part # 74HC366
Description  Hex buffer/line driver; 3-state; inverting
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

74HC366 Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button 74HC366 Datasheet HTML 2Page - NXP Semiconductors 74HC366 Datasheet HTML 3Page - NXP Semiconductors 74HC366 Datasheet HTML 4Page - NXP Semiconductors 74HC366 Datasheet HTML 5Page - NXP Semiconductors 74HC366 Datasheet HTML 6Page - NXP Semiconductors 74HC366 Datasheet HTML 7Page - NXP Semiconductors 74HC366 Datasheet HTML 8Page - NXP Semiconductors 74HC366 Datasheet HTML 9Page - NXP Semiconductors 74HC366 Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 19 page
background image
74HC_HCT366_3
© NXP B.V. 2006. All rights reserved.
Product data sheet
Rev. 03 — 21 November 2006
6 of 19
NXP Semiconductors
74HC366; 74HCT366
Hex buffer/line driver; 3-state; inverting
IOZ
OFF-state output current
VI = VIH or VIL; VO =VCC or GND; VCC = 6.0 V
-
-
±0.5 µA
ICC
supply current
VI =VCC or GND; IO = 0 A; VCC = 6.0 V
-
-
8.0
µA
CI
input capacitance
-
3.5
-
pF
Tamb = −40 °C to +85 °C
VIH
HIGH-level input voltage
VCC = 2.0 V
1.5
-
-
V
VCC = 4.5 V
3.15
-
-
V
VCC = 6.0 V
4.2
-
-
V
VIL
LOW-level input voltage
VCC = 2.0 V
-
-
0.5
V
VCC = 4.5 V
-
-
1.35
V
VCC = 6.0 V
-
-
1.8
V
VOH
HIGH-level output voltage VI = VIH or VIL
IO = −20 µA; VCC = 2.0 V
1.9
-
-
V
IO = −20 µA; VCC = 4.5 V
4.4
-
-
V
IO = −20 µA; VCC = 6.0 V
5.9
-
-
V
IO = −6.0 mA; VCC = 4.5 V
3.84
-
-
V
IO = −7.8 mA; VCC = 6.0 V
5.34
-
-
V
VOL
LOW-level output voltage
VI = VIH or VIL
IO =20 µA; VCC = 2.0 V
-
-
0.1
V
IO =20 µA; VCC = 4.5 V
-
-
0.1
V
IO =20 µA; VCC = 6.0 V
-
-
0.1
V
IO = 6.0 mA; VCC = 4.5 V
-
-
0.33
V
IO = 7.8 mA; VCC = 6.0 V
-
-
0.33
V
II
input leakage current
VI =VCC or GND; VCC = 6.0 V;
-
-
±1.0 µA
IOZ
OFF-state output current
VI = VIH or VIL; VO =VCC or GND; VCC = 6.0 V
-
-
±5.0 µA
ICC
supply current
VI =VCC or GND; IO = 0 A; VCC = 6.0 V
-
-
80
µA
Tamb = −40 °C to +125 °C
VIH
HIGH-level input voltage
VCC = 2.0 V
1.5
-
-
V
VCC = 4.5 V
3.15
-
-
V
VCC = 6.0 V
4.2
-
-
V
VIL
LOW-level input voltage
VCC = 2.0 V
-
-
0.5
V
VCC = 4.5 V
-
-
1.35
V
VCC = 6.0 V
-
-
1.8
V
VOH
HIGH-level output voltage VI = VIH or VIL
IO = −20 µA; VCC = 2.0 V
1.9
-
-
V
IO = −20 µA; VCC = 4.5 V
4.4
-
-
V
IO = −20 µA; VCC = 6.0 V
5.9
-
-
V
IO = −6.0 mA; VCC = 4.5 V
3.7
-
-
V
IO = −7.8 mA; VCC = 6.0 V
5.2
-
-
V
Table 6.
Static characteristics 74HC366 …continued
At recommended operating conditions; voltages are referenced to GND (ground = 0 V).
Symbol Parameter
Conditions
Min
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com