Electronic Components Datasheet Search
  English  ▼

X  

74HC366 Datasheet(PDF) 15 Page - NXP Semiconductors

Part # 74HC366
Description  Hex buffer/line driver; 3-state; inverting
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

74HC366 Datasheet(HTML) 15 Page - NXP Semiconductors

Back Button 74HC366 Datasheet HTML 11Page - NXP Semiconductors 74HC366 Datasheet HTML 12Page - NXP Semiconductors 74HC366 Datasheet HTML 13Page - NXP Semiconductors 74HC366 Datasheet HTML 14Page - NXP Semiconductors 74HC366 Datasheet HTML 15Page - NXP Semiconductors 74HC366 Datasheet HTML 16Page - NXP Semiconductors 74HC366 Datasheet HTML 17Page - NXP Semiconductors 74HC366 Datasheet HTML 18Page - NXP Semiconductors 74HC366 Datasheet HTML 19Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 15 / 19 page
background image
74HC_HCT366_3
© NXP B.V. 2006. All rights reserved.
Product data sheet
Rev. 03 — 21 November 2006
15 of 19
NXP Semiconductors
74HC366; 74HCT366
Hex buffer/line driver; 3-state; inverting
Fig 11. Package outline SOT38-1 (DIP16)
UNIT
A
max.
1
2
b1
cE
e
MH
L
REFERENCES
OUTLINE
VERSION
EUROPEAN
PROJECTION
ISSUE DATE
IEC
JEDEC
JEITA
mm
inches
DIMENSIONS (inch dimensions are derived from the original mm dimensions)
SOT38-1
99-12-27
03-02-13
A
min.
A
max.
b
max.
w
M E
e 1
1.40
1.14
0.055
0.045
0.53
0.38
0.32
0.23
21.8
21.4
0.86
0.84
6.48
6.20
0.26
0.24
3.9
3.4
0.15
0.13
0.254
2.54
7.62
0.3
8.25
7.80
0.32
0.31
9.5
8.3
0.37
0.33
2.2
0.087
4.7
0.51
3.7
0.15
0.021
0.015
0.013
0.009
0.01
0.1
0.02
0.19
050G09
MO-001
SC-503-16
MH
c
(e )
1
ME
A
L
A1
w M
b1
e
D
A2
Z
16
1
9
8
b
E
pin 1 index
0
5
10 mm
scale
Note
1. Plastic or metal protrusions of 0.25 mm (0.01 inch) maximum per side are not included.
(1)
(1)
D
(1)
Z
DIP16: plastic dual in-line package; 16 leads (300 mil); long body
SOT38-1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com