Electronic Components Datasheet Search
  English  ▼

X  

74HC4067 Datasheet(PDF) 13 Page - NXP Semiconductors

Part # 74HC4067
Description  16-channel analog multiplexer/demultiplexer
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

74HC4067 Datasheet(HTML) 13 Page - NXP Semiconductors

Back Button 74HC4067 Datasheet HTML 9Page - NXP Semiconductors 74HC4067 Datasheet HTML 10Page - NXP Semiconductors 74HC4067 Datasheet HTML 11Page - NXP Semiconductors 74HC4067 Datasheet HTML 12Page - NXP Semiconductors 74HC4067 Datasheet HTML 13Page - NXP Semiconductors 74HC4067 Datasheet HTML 14Page - NXP Semiconductors 74HC4067 Datasheet HTML 15Page - NXP Semiconductors 74HC4067 Datasheet HTML 16Page - NXP Semiconductors 74HC4067 Datasheet HTML 17Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 29 page
background image
74HC_HCT4067_3
© NXP B.V. 2007. All rights reserved.
Product data sheet
Rev. 03 — 15 October 2007
13 of 29
NXP Semiconductors
74HC4067; 74HCT4067
16-channel analog multiplexer/demultiplexer
IS(ON)
ON-state leakage current
VCC = 5.5 V; VI = VIH or VIL;
|V
SW| = VCC − GND; see Figure 11
--
±8.0
µA
ICC
supply current
VI = VCC or GND; Vis = GND or VCC;
Vos =VCC or GND; VCC = 4.5 V to 5.5 V
-
-
80.0
µA
∆ICC
additional supply current
per input pin; VI = VCC − 2.1 V; other
inputs at VCC or GND; VCC = 4.5 V to 5.5 V
pin E
-
-
270
µA
pin Sn
-
-
225
µA
Tamb = −40 °C to +125 °C
VIH
HIGH-level input voltage
VCC = 4.5 V to 5.5 V
2.0
-
-
V
VIL
LOW-level input voltage
VCC = 4.5 V to 5.5 V
-
-
0.8
V
II
input leakage current
VI = VCC or GND; VCC = 5.5 V
-
-
±1.0
µA
IS(OFF)
OFF-state leakage current
VCC = 5.5 V; VI = VIH or VIL;
|V
SW| = VCC − GND; see Figure 10
per channel
-
-
±1.0
µA
all channels
-
-
±8.0
µA
IS(ON)
ON-state leakage current
VCC = 5.5 V; VI = VIH or VIL;
|V
SW| = VCC − GND; see Figure 11
--
±8.0
µA
ICC
supply current
VI = VCC or GND; Vis = GND or VCC;
Vos =VCC or GND; VCC = 4.5 V to 5.5 V
-
-
160
µA
∆ICC
additional supply current
per input pin; VI = VCC − 2.1 V; other
inputs at VCC or GND; VCC = 4.5 V to 5.5 V
pin E
-
-
294
µA
pin Sn
-
-
245
µA
Table 8.
Static characteristics 74HCT4067 …continued
At recommended operating conditions; voltages are referenced to GND (ground = 0 V).
Vis is the input voltage at a Yn or Z terminal, whichever is assigned as an input.
Vos is the output voltage at a Yn or Z terminal, whichever is assigned as an output.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Vis = VCC and Vos = GND
Vis = GND and Vos = VCC
Vis = VCC and Vos = open
Vis = GND and Vos = open
Fig 10. Test circuit for measuring OFF-state leakage
current
Fig 11. Test circuit for measuring ON-state leakage
current
ISW
ISW
001aag734
VIH
Z
VCC
Yn
E
Vos
Vis
GND
ISW
001aag735
VIL
ZYn
E
Vos
Vis
GND
VCC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com