Electronic Components Datasheet Search
  English  ▼

X  

HAL501 Datasheet(PDF) 16 Page - Micronas

Part # HAL501
Description  Hall-Effect Sensor Family
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

HAL501 Datasheet(HTML) 16 Page - Micronas

Back Button HAL501 Datasheet HTML 12Page - Micronas HAL501 Datasheet HTML 13Page - Micronas HAL501 Datasheet HTML 14Page - Micronas HAL501 Datasheet HTML 15Page - Micronas HAL501 Datasheet HTML 16Page - Micronas HAL501 Datasheet HTML 17Page - Micronas HAL501 Datasheet HTML 18Page - Micronas HAL501 Datasheet HTML 19Page - Micronas HAL501 Datasheet HTML 20Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 48 page
background image
HAL 5xy
DATA SHEET
16
Jan. 11. 2010; DSH000020_004EN
Micronas
3.7. Magnetic Characteristics Overview
at TJ =
−40 °C to +170 °C, V
DD = 3.8 V to 24 V, Typical Characteristics for VDD = 12 V
Magnetic flux density values of switching points.
Positive flux density values refer to the magnetic south pole at the branded side of the package.
Note: For detailed descriptions of the individual types, see pages 22 and following.
Sensor
Parameter
On point BON
Off point BOFF
Hysteresis BHYS
Unit
Switching
Type
TJ
Min.
Typ.
Max.
Min.
Typ.
Max.
Min.
Typ.
Max.
HAL 501
−40 °C
−0.8
0.6
2.5
−2.5
−0.8
0.8
0.5
1.4
2
mT
bipolar
25
°C
−0.5
0.5
2.3
−2.3
−0.7
0.5
0.5
1.2
1.9
mT
170
°C
−1.5
0.7
3
−2.5
−0.2
2
0.4
0.9
1.8
mT
HAL 502
−40 °C1
2.8
5
−5
−2.8
−1
4.5
5.6
7.2
mT
latching
25
°C1
2.6
4.5
−4.5
−2.6
−14.5
5.2
7
mT
170
°C
0.9
2.3
4.3
−4.3
−2.3
−0.9
3.5
4.6
6.8
mT
HAL 503
−40 °C
6.4
8.6
10.8
−10.8
−8.6
−6.4
14.6
17.2
20.6
mT
latching
25
°C
6810
−10
−8
−6
13.6
1618mT
170
°C4
6.4
8.9
−8.9
−6
−4
11
12.4
16
mT
HAL 504
−40 °C
10.3
13
15.7
5.3
7.5
9.6
4.4
5.5
6.5
mT
unipolar
25
°C
9.5
12
14.5
579456.5
mT
170
°C
8.5
10.2
13.7
4.2
5.9
8.5
3.2
4.3
6.4
mT
HAL 505
−40 °C
11.8
15
18.3
−18.3
−15
−11.8
26
30
34
mT
latching
25
°C
11
13.5
17
−17
−13.5
−11
24
27
32
mT
170
°C
9.4
11.7
16.1
−16.1
−11.7
−9.4
20
23.4
31.3
mT
HAL 506
−40 °C
4.3
5.9
7.7
2.1
3.8
5.4
1.6
2.1
2.8
mT
unipolar
25
°C
3.8
5.5
7.2
2
3.5
5
1.5
2
2.7
mT
170
°C
3.2
4.6
6.8
1.7
3
5.2
0.9
1.6
2.6
mT
HAL 507
−40 °C
15.5
19.6
22.5
14.0
17.1
21.5
1.6
2.5
5.2
mT
unipolar
25
°C
15.0
18.3
20.7
13.5
16.2
19.0
1.5
2.1
2.7
mT
170
°C
10.5
13.7
20.0
9.0
12.3
18.0
0.8
1.4
2.4
mT
HAL 508
−40 °C
15.5
19
21.9
14
16.7
20
1.6
2.3
2.8
mT
unipolar
25
°C
151820.7
13.5
16191.5
2
2.7
mT
170
°C
12.7
15.3
20
11.4
13.6
18.3
1
1.7
2.6
mT
HAL 509
−40 °C
23.1
27.4
31.1
19.9
23.8
27.2
2.9
3.6
3.9
mT
unipolar
25
°C
23.1
26.8
30.4
19.9
23.2
26.6
2.8
3.5
3.9
mT
170
°C
21.3
25.4
28.9
18.3
22.1
25.3
2.5
3.3
3.8
mT
HAL 516
−40 °C
2.1
3.8
5.4
4.3
5.9
7.7
1.6
2.1
2.8
mT
unipolar
25
°C
2
3.5
5
3.8
5.5
7.2
1.5
2
2.7
mT
inverted
170
°C
1.7
3
5.2
3.2
4.6
6.8
0.9
1.6
2.6
mT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com