Electronic Components Datasheet Search
  English  ▼

X  

HAL501 Datasheet(PDF) 22 Page - Micronas

Part # HAL501
Description  Hall-Effect Sensor Family
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

HAL501 Datasheet(HTML) 22 Page - Micronas

Back Button HAL501 Datasheet HTML 18Page - Micronas HAL501 Datasheet HTML 19Page - Micronas HAL501 Datasheet HTML 20Page - Micronas HAL501 Datasheet HTML 21Page - Micronas HAL501 Datasheet HTML 22Page - Micronas HAL501 Datasheet HTML 23Page - Micronas HAL501 Datasheet HTML 24Page - Micronas HAL501 Datasheet HTML 25Page - Micronas HAL501 Datasheet HTML 26Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 48 page
background image
HAL 501
DATA SHEET
22
Jan. 11. 2010; DSH000020_004EN
Micronas
4. Type Description
4.1. HAL 501
The HAL 501 is the most sensitive sensor of this family
with bipolar switching behavior (see Fig. 4.1.).
The output turns low with the magnetic south pole on
the branded side of the package and turns high with
the magnetic north pole on the branded side. The out-
put state is not defined for all sensors if the magnetic
field is removed again. Some sensors will change the
output state and some sensors will not.
For correct functioning in the application, the sensor
requires both magnetic polarities (north and south) on
the branded side of the package.
Magnetic Features:
– switching type: bipolar
– very high sensitivity
–typical BON: 0.5 mT at room temperature
–typical BOFF: −0.7 mT at room temperature
– operates with static magnetic fields and dynamic
magnetic fields up to 10 kHz
Applications
The HAL 501 is the optimal sensor for applications
with alternating magnetic signals and weak magnetic
amplitude at the sensor position such as:
– applications with large air gap or weak magnets,
– rotating speed measurement,
– commutation of brushless DC motors, and
– CAM shaft sensors, and
– magnetic encoders.
Fig. 4–1: Definition of magnetic switching points for
HAL 501
Magnetic Characteristics at TJ = −40 °C to +170 °C, VDD = 3.8 V to 24 V,
Typical Characteristics for VDD = 12 V
Magnetic flux density values of switching points.
Positive flux density values refer to the magnetic south pole at the branded side of the package.
The hysteresis is the difference between the switching points BHYS = BON − BOFF
The magnetic offset is the mean value of the switching points BOFFSET = (BON + BOFF) / 2
BOFF
BON
0
VOL
VO
Output Voltage
B
BHYS
Parameter
On point BON
Off point BOFF
Hysteresis BHYS
Magnetic Offset BOFFSET
Unit
TJ
Min.
Typ.
Max.
Min.
Typ.
Max.
Min.
Typ.
Max.
Min.
Typ.
Max.
−40 °C
−0.8
0.6
2.5
−2.5
−0.8
0.8
0.5
1.4
2
−0.1
mT
25
°C
−0.5
0.5
2.3
−2.3
−0.7
0.5
0.5
1.2
1.9
−1.4
−0.1
1.4
mT
140
°C
−1.2
0.6
2.8
−2.5
−0.5
1.3
0.5
1.1
1.8
0
mT
170
°C
−1.5
0.7
3
−2.5
−0.2
2
0.4
0.9
1.8
0.2
mT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com