Electronic Components Datasheet Search
  English  ▼

X  

HAL855 Datasheet(PDF) 26 Page - Micronas

Part # HAL855
Description  Programmable Linear Hall-Effect Sensor with Arbitrary Output Characteristic
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

HAL855 Datasheet(HTML) 26 Page - Micronas

Back Button HAL855 Datasheet HTML 22Page - Micronas HAL855 Datasheet HTML 23Page - Micronas HAL855 Datasheet HTML 24Page - Micronas HAL855 Datasheet HTML 25Page - Micronas HAL855 Datasheet HTML 26Page - Micronas HAL855 Datasheet HTML 27Page - Micronas HAL855 Datasheet HTML 28Page - Micronas HAL855 Datasheet HTML 29Page - Micronas HAL855 Datasheet HTML 30Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 42 page
background image
HAL855
DATA SHEET
26
Nov. 26, 2008; DSH000149_003EN
Micronas
3.8. Diagnosis Functions
The HAL855 features various diagnosis functions, such as undervoltage detection and open-circuit detection. A
description of the sensor’s behavior is shown in the table below (Typical Characteristics for TJ = 25 °C).
Note: The undervoltage detection is activated only after locking the sensor!
Parameter
Min.
Typ.
Max.
Unit
Output Behavior
Undervoltage Detection Level VDD, UV
3.0
3.5
4.0
V
No PWM output signal (output on high-level)
Open VDD Line
−
−−−
No PWM output signal (output on high-level)
Open GND Line
−
−−−
No PWM output signal



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com