Electronic Components Datasheet Search
  English  ▼

X  

AM1806 Datasheet(PDF) 205 Page - Texas Instruments

Click here to check the latest version.
Part # AM1806
Description  AM1806 ARM Microprocessor
PDF  241 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM1806 Datasheet(HTML) 205 Page - Texas Instruments

Back Button AM1806 Datasheet HTML 201Page - Texas Instruments AM1806 Datasheet HTML 202Page - Texas Instruments AM1806 Datasheet HTML 203Page - Texas Instruments AM1806 Datasheet HTML 204Page - Texas Instruments AM1806 Datasheet HTML 205Page - Texas Instruments AM1806 Datasheet HTML 206Page - Texas Instruments AM1806 Datasheet HTML 207Page - Texas Instruments AM1806 Datasheet HTML 208Page - Texas Instruments AM1806 Datasheet HTML 209Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 205 / 241 page
background image
AM1806
www.ti.com
SPRS658B – FEBRUARY 2010 – REVISED MAY 2010
6.23.1 VPIF Register Descriptions
Table 6-96 shows the VPIF registers.
Table 6-96. Video Port Interface (VPIF) Registers
BYTE ADDRESS
ACRONYM
REGISTER DESCRIPTION
0x01E1 7000
PID
Peripheral identification register
0x01E1 7004
CH0_CTRL
Channel 0 control register
0x01E1 7008
CH1_CTRL
Channel 1 control register
0x01E1 700C
CH2_CTRL
Channel 2 control register
0x01E1 7010
CH3_CTRL
Channel 3 control register
0x01E1 7014 - 0x01E1 701F
-
Reserved
0x01E1 7020
INTEN
Interrupt enable
0x01E1 7024
INTENSET
Interrupt enable set
0x01E1 7028
INTENCLR
Interrupt enable clear
0x01E1 702C
INTSTAT
Interrupt status
0x01E1 7030
INTSTATCLR
Interrupt status clear
0x01E1 7034
EMU_CTRL
Emulation control
0x01E1 7038
DMA_SIZE
DMA size control
0x01E1 703C - 0x01E1 703F
-
Reserved
CAPTURE CHANNEL 0 REGISTERS
0x01E1 7040
CH0_TY_STRTADR
Channel 0 Top Field luma buffer start address
0x01E1 7044
CH0_BY_STRTADR
Channel 0 Bottom Field luma buffer start address
0x01E1 7048
CH0_TC_STRTADR
Channel 0 Top Field chroma buffer start address
0x01E1 704C
CH0_BC_STRTADR
Channel 0 Bottom Field chroma buffer start address
0x01E1 7050
CH0_THA_STRTADR
Channel 0 Top Field horizontal ancillary data buffer start address
0x01E1 7054
CH0_BHA_STRTADR
Channel 0 Bottom Field horizontal ancillary data buffer start address
0x01E1 7058
CH0_TVA_STRTADR
Channel 0 Top Field vertical ancillary data buffer start address
0x01E1 705C
CH0_BVA_STRTADR
Channel 0 Bottom Field vertical ancillary data buffer start address
0x01E1 7060
CH0_SUBPIC_CFG
Channel 0 sub-picture configuration
0x01E1 7064
CH0_IMG_ADD_OFST
Channel 0 image data address offset
0x01E1 7068
CH0_HA_ADD_OFST
Channel 0 horizontal ancillary data address offset
0x01E1 706C
CH0_HSIZE_CFG
Channel 0 horizontal data size configuration
0x01E1 7070
CH0_VSIZE_CFG0
Channel 0 vertical data size configuration (0)
0x01E1 7074
CH0_VSIZE_CFG1
Channel 0 vertical data size configuration (1)
0x01E1 7078
CH0_VSIZE_CFG2
Channel 0 vertical data size configuration (2)
0x01E1 707C
CH0_VSIZE
Channel 0 vertical image size
CAPTURE CHANNEL 1 REGISTERS
0x01E1 7080
CH1_TY_STRTADR
Channel 1 Top Field luma buffer start address
0x01E1 7084
CH1_BY_STRTADR
Channel 1 Bottom Field luma buffer start address
0x01E1 7088
CH1_TC_STRTADR
Channel 1 Top Field chroma buffer start address
0x01E1 708C
CH1_BC_STRTADR
Channel 1 Bottom Field chroma buffer start address
0x01E1 7090
CH1_THA_STRTADR
Channel 1 Top Field horizontal ancillary data buffer start address
0x01E1 7094
CH1_BHA_STRTADR
Channel 1 Bottom Field horizontal ancillary data buffer start address
0x01E1 7098
CH1_TVA_STRTADR
Channel 1 Top Field vertical ancillary data buffer start address
0x01E1 709C
CH1_BVA_STRTADR
Channel 1 Bottom Field vertical ancillary data buffer start address
0x01E1 70A0
CH1_SUBPIC_CFG
Channel 1 sub-picture configuration
0x01E1 70A4
CH1_IMG_ADD_OFST
Channel 1 image data address offset
0x01E1 70A8
CH1_HA_ADD_OFST
Channel 1 horizontal ancillary data address offset
0x01E1 70AC
CH1_HSIZE_CFG
Channel 1 horizontal data size configuration
Copyright © 2010, Texas Instruments Incorporated
Peripheral Information and Electrical Specifications
205
Submit Documentation Feedback
Product Folder Link(s): AM1806



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com