Electronic Components Datasheet Search
  English  ▼

X  

PAM1707BZKB4 Datasheet(PDF) 20 Page - Texas Instruments

Part # PAM1707BZKB4
Description  AM1705 ARM Microprocessor
PDF  155 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PAM1707BZKB4 Datasheet(HTML) 20 Page - Texas Instruments

Back Button PAM1707BZKB4 Datasheet HTML 16Page - Texas Instruments PAM1707BZKB4 Datasheet HTML 17Page - Texas Instruments PAM1707BZKB4 Datasheet HTML 18Page - Texas Instruments PAM1707BZKB4 Datasheet HTML 19Page - Texas Instruments PAM1707BZKB4 Datasheet HTML 20Page - Texas Instruments PAM1707BZKB4 Datasheet HTML 21Page - Texas Instruments PAM1707BZKB4 Datasheet HTML 22Page - Texas Instruments PAM1707BZKB4 Datasheet HTML 23Page - Texas Instruments PAM1707BZKB4 Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 155 page
background image
AM1705
SPRS657A – FEBRUARY 2010 – REVISED APRIL 2010
www.ti.com
3.6.6
Enhanced Capture/Auxiliary PWM Modules (eCAP0, eCAP1, eCAP2)
The eCAP Module pins function as either input captures or auxiliary PWM 32-bit outputs, depending upon
how the eCAP module is programmed.
Table 3-8. Enhanced Capture Module (eCAP) Terminal Functions
PIN NO
SIGNAL NAME
TYPE(1)
PULL(2)
MUXED
DESCRIPTION
PTP
eCAP0
enhanced capture 0
ACLKX0/ECAP0/APWM0/GP2[12]
126
I/O
IPD
McASP0, GPIO
input or auxiliary
PWM 0 output.
eCAP1
enhanced capture 1
ACLKR0/ECAP1/APWM1/GP2[15]
130
I/O
IPD
McASP0, GPIO
input or auxiliary
PWM 1 output.
eCAP2
enhanced capture 2
ACLKR1/ECAP2/APWM2/GP4[12]
165
I/O
IPD
McASP1, GPIO
input or auxiliary
PWM 2 output.
(1)
I = Input, O = Output, I/O = Bidirectional, Z = High impedance, PWR = Supply voltage, GND = Ground, A = Analog signal.
Note: The pin type shown refers to the input, output or high-impedance state of the pin function when configured as the the signal name
highlighted in bold. All multiplexed signals may enter a high-impedance state when the configured function is input-only or the configured
function supports high-Z operation. All GPIO signals can be used as input or output. For multiplexed pins where functions have different
types (ie., input versus output), the table reflects the pin function direction for that particular peripheral.
(2)
IPD = Internal Pulldown resistor, IPU = Internal Pullup resistor
3.6.7
Enhanced Pulse Width Modulators (eHRPWM0, eHRPWM1, eHRPWM2)
Table 3-9. Enhanced Pulse Width Modulator (eHRPWM) Terminal Functions
PIN NO
SIGNAL NAME
TYPE(1)
PULL(2)
MUXED
DESCRIPTION
PTP
eHRPWM0
eHRPWM0 A output
ACLKX1/EPWM0A/GP3[15]
162
I/O
IPD
(with
high-resolution).
McASP1, GPIO
eHRPWM0 B
AHCLKX1/EPWM0B/GP3[14]
160
I/O
IPD
output.
McASP1,
eHRPWM0 trip zone
AMUTE1/EPWMTZ/GP4[14]
132
I/O
IPD
eHRPWM1, GPIO,
input.
eHRPWM2
Sync input to
McASP1,
eHRPWM0 module
AFSX1/EPWMSYNCI/EPWMSYNCO/GP4[10]
163
I/O
IPD
eHRPWM0, GPIO
or sync output to
external PWM.
eHRPWM1
eHRPWM1 A (with
AXR1[8]/EPWM1A/GP4[8]
168
I/O
IPD
high-resolution).
McASP1, GPIO
eHRPWM1 B
AXR1[7]/EPWM1B/GP4[7]
169
I/O
IPD
output.
McASP1,
eHRPWM1 trip zone
AMUTE1/EPWMTZ/GP4[14]
132
I/O
IPD
eHRPWM0, GPIO,
input.
eHRPWM2
(1)
I = Input, O = Output, I/O = Bidirectional, Z = High impedance, PWR = Supply voltage, GND = Ground, A = Analog signal.
Note: The pin type shown refers to the input, output or high-impedance state of the pin function when configured as the the signal name
highlighted in bold. All multiplexed signals may enter a high-impedance state when the configured function is input-only or the configured
function supports high-Z operation. All GPIO signals can be used as input or output. For multiplexed pins where functions have different
types (ie., input versus output), the table reflects the pin function direction for that particular peripheral.
(2)
IPD = Internal Pulldown resistor, IPU = Internal Pullup resistor
20
Device Overview
Copyright © 2010, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): AM1705



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com