Electronic Components Datasheet Search
  English  ▼

X  

74HC73 Datasheet(PDF) 1 Page - NXP Semiconductors

Part # 74HC73
Description  Dual JK flip-flop with reset; negative-edge trigger
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

74HC73 Datasheet(HTML) 1 Page - NXP Semiconductors

  74HC73 Datasheet HTML 1Page - NXP Semiconductors 74HC73 Datasheet HTML 2Page - NXP Semiconductors 74HC73 Datasheet HTML 3Page - NXP Semiconductors 74HC73 Datasheet HTML 4Page - NXP Semiconductors 74HC73 Datasheet HTML 5Page - NXP Semiconductors 74HC73 Datasheet HTML 6Page - NXP Semiconductors 74HC73 Datasheet HTML 7Page - NXP Semiconductors 74HC73 Datasheet HTML 8Page - NXP Semiconductors 74HC73 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
1.
General description
The 74HC73 is a high-speed Si-gate CMOS device that complies with JEDEC
standard no. 7A. It is pin compatible with Low-power Schottky TTL (LSTTL).
The 74HC73 is a dual negative-edge triggered JK flip-flop featuring individual J, K, clock
(nCP) and reset (nR) inputs; also complementary nQ and nQ outputs.
The J and K inputs must be stable one set-up time prior to the HIGH-to-LOW clock
transition for predictable operation.
The reset (nR) is an asynchronous active LOW input. When LOW, it overrides the clock
and data inputs, forcing the nQ output LOW and the nQ output HIGH.
Schmitt-trigger action in the clock input makes the circuit highly tolerant to slower clock
rise and fall times.
2.
Features
I Low-power dissipation
I Complies with JEDEC standard no. 7A
I ESD protection:
N HBM JESD22-A114E exceeds 2000 V
N MM JESD22-A115-A exceeds 200 V
I Multiple package options
I Specified from −40 °Cto+80 °C and from −40 °C to +125 °C
3.
Ordering information
74HC73
Dual JK flip-flop with reset; negative-edge trigger
Rev. 04 — 19 March 2008
Product data sheet
Table 1.
Ordering information
Type number
Package
Temperature range Name
Description
Version
74HC73N
−40 °C to +125 °C
DIP14
plastic dual in-line package; 14 leads (300 mil)
SOT27-1
74HC73D
−40 °C to +125 °C
SO14
plastic small outline package; 14 leads; body width 3.9 mm
SOT108-1
74HC73DB
−40 °C to +125 °C
SSOP14
plastic shrink small outline package; 14 leads; body width
5.3 mm
SOT337-1
74HC73PW
−40 °C to +125 °C
TSSOP14 plastic thin shrink small outline package; 14 leads; body
width 4.4 mm
SOT402-1


Similar Part No. - 74HC73

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74HC73 PHILIPS-74HC73 Datasheet
52Kb / 7P
Dual JK flip-flop with reset; negative-edge trigger
Rev. 03-12 November 2004
logo
Nexperia B.V. All right...
74HC73 NEXPERIA-74HC73 Datasheet
245Kb / 13P
Dual JK flip-flop with reset; negative-edge trigger
Rev. 7 - 13 September 2021
74HC73-Q100 NEXPERIA-74HC73-Q100 Datasheet
221Kb / 12P
Dual JK flip-flop with reset; negative-edge trigger
Rev. 1 - 4 December 2020
logo
NXP Semiconductors
74HC73D PHILIPS-74HC73D Datasheet
52Kb / 7P
Dual JK flip-flop with reset; negative-edge trigger
Rev. 03-12 November 2004
logo
Nexperia B.V. All right...
74HC73D NEXPERIA-74HC73D Datasheet
245Kb / 13P
Dual JK flip-flop with reset; negative-edge trigger
Rev. 7 - 13 September 2021
More results

Similar Description - 74HC73

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74HC107 PHILIPS-74HC107 Datasheet
53Kb / 7P
Dual JK flip-flop with reset; negative-edge trigger
December 1990
74HC112 PHILIPS-74HC112 Datasheet
106Kb / 15P
Dual JK flip-flop with set and reset; negative-edge trigger
1998 Jun 10
74HC73 PHILIPS-74HC73 Datasheet
52Kb / 7P
Dual JK flip-flop with reset; negative-edge trigger
Rev. 03-12 November 2004
74LV107 PHILIPS-74LV107 Datasheet
121Kb / 12P
Dual JK flip-flop with reset; negative-edge trigger
1998 Apr 20
logo
Nexperia B.V. All right...
74HC107-Q100 NEXPERIA-74HC107-Q100 Datasheet
747Kb / 17P
Dual JK flip-flop with reset; negative-edge trigger
74HC73-Q100 NEXPERIA-74HC73-Q100 Datasheet
221Kb / 12P
Dual JK flip-flop with reset; negative-edge trigger
Rev. 1 - 4 December 2020
74HC73 NEXPERIA-74HC73 Datasheet
245Kb / 13P
Dual JK flip-flop with reset; negative-edge trigger
Rev. 7 - 13 September 2021
74HCT107-Q100 NEXPERIA-74HCT107-Q100 Datasheet
259Kb / 15P
Dual JK flip-flop with reset; negative-edge trigger
Rev. 3 - 7 July 2021
74HCT112 NEXPERIA-74HCT112 Datasheet
267Kb / 16P
Dual JK flip-flop with set and reset; negative-edge trigger
Rev. 4 - 11 January 2021
74HCT107 NEXPERIA-74HCT107 Datasheet
259Kb / 15P
Dual JK flip-flop with reset; negative-edge trigger
Rev. 6 - 7 July 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com