Electronic Components Datasheet Search
  English  ▼

X  

74HC258DB Datasheet(PDF) 8 Page - NXP Semiconductors

Part # 74HC258DB
Description  Quad 2-input multiplexer; 3-state; inverting
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

74HC258DB Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button 74HC258DB Datasheet HTML 4Page - NXP Semiconductors 74HC258DB Datasheet HTML 5Page - NXP Semiconductors 74HC258DB Datasheet HTML 6Page - NXP Semiconductors 74HC258DB Datasheet HTML 7Page - NXP Semiconductors 74HC258DB Datasheet HTML 8Page - NXP Semiconductors 74HC258DB Datasheet HTML 9Page - NXP Semiconductors 74HC258DB Datasheet HTML 10Page - NXP Semiconductors 74HC258DB Datasheet HTML 11Page - NXP Semiconductors 74HC258DB Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
74HC258_4
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 04 — 14 April 2008
8 of 14
NXP Semiconductors
74HC258
Quad 2-input multiplexer; 3-state; inverting
Test data is given in Table 9.
Definitions test circuit:
RT = Termination resistance should be equal to output impedance Zo of the pulse generator.
CL = Load capacitance including jig and probe capacitance.
RL = Load resistance.
S1 = Test selection switch.
Fig 8.
Test circuit for measuring switching times
VM
VM
tW
tW
10 %
90 %
0 V
VI
VI
negative
pulse
positive
pulse
0 V
VM
VM
90 %
10 %
tf
tr
tr
tf
001aad983
DUT
VCC
VCC
VI
VO
RT
RL
S1
CL
open
G
Table 9.
Test data
Supply voltage
Input
Load
S1
VCC
VI
tr = tf
CL
RL
tPZL, tPLZ
tPZH, tPHZ
tPHL, tPLH
2.0 V
VCC
6 ns
50 pF
1 k
Ω
VCC
GND
open
4.5 V
VCC
6 ns
50 pF
1 k
Ω
VCC
GND
open
6.0 V
VCC
6 ns
50 pF
1 k
Ω
VCC
GND
open
5.0 V
VCC
6 ns
15 pF
1 k
Ω
VCC
GND
open



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com