Electronic Components Datasheet Search
  English  ▼

X  

74HC258DB Datasheet(PDF) 1 Page - NXP Semiconductors

Part # 74HC258DB
Description  Quad 2-input multiplexer; 3-state; inverting
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

74HC258DB Datasheet(HTML) 1 Page - NXP Semiconductors

  74HC258DB Datasheet HTML 1Page - NXP Semiconductors 74HC258DB Datasheet HTML 2Page - NXP Semiconductors 74HC258DB Datasheet HTML 3Page - NXP Semiconductors 74HC258DB Datasheet HTML 4Page - NXP Semiconductors 74HC258DB Datasheet HTML 5Page - NXP Semiconductors 74HC258DB Datasheet HTML 6Page - NXP Semiconductors 74HC258DB Datasheet HTML 7Page - NXP Semiconductors 74HC258DB Datasheet HTML 8Page - NXP Semiconductors 74HC258DB Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
1.
General description
The 74HC258 is a high-speed Si-gate CMOS device and is pin compatible with low power
Schottky TTL (LSTTL). The 74HC258 is specified in compliance with JEDEC
standard no. 7A.
The 74HC258 has four identical 2-input multiplexers with 3-state outputs, which select
4 bits of data from two sources and is controlled by a common data select input (S).
The data inputs from source 0 (1I0 to 4I0) are selected when input S is LOW and the data
inputs from source 1 (1I1 to 4I1) are selected when S is HIGH.
Data appears at the outputs (1Yto4Y) in inverted form from the select inputs.
The 74HC258 is the logic implementation of a 4-pole, 2-position switch, where the position
of the switch is determined by the logic levels applied to S. The outputs are forced to a
high-impedance OFF-state when OE is HIGH.
The logic equations for the outputs are:
The 74HC258 is identical to the 74HC257 but has inverting outputs.
2.
Features
I 3-state outputs interface directly with system bus
I Low-power dissipation
I Inverting data path
I Complies with JEDEC standard no. 7A
I ESD protection:
N HBM JESD22-A114E exceeds 2000 V
N MM JESD22-A115-A exceeds 200 V
I Multiple package options
I Specified from −40 °Cto+85 °C and from −40 °C to +125 °C.
74HC258
Quad 2-input multiplexer; 3-state; inverting
Rev. 04 — 14 April 2008
Product data sheet
1Y
OE
1I1
S
×
1I0
S
×
+
()
×
=
2Y
OE
2I1
S
×
2I0
S
×
+
()
×
=
3Y
OE
3I1
S
×
3I0
S
×
+
()
×
=
4Y
OE
4I1
S
×
4I0
S
×
+
()
×
=


Similar Part No. - 74HC258DB

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74HC258DB PHILIPS-74HC258DB Datasheet
83Kb / 16P
Quad 2-input multiplexer; 3-state; inverting
1999 Sep 02
More results

Similar Description - 74HC258DB

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC10159 ONSEMI-MC10159 Datasheet
109Kb / 4P
Quad 2-Input Multiplexer(Inverting)
1996 REV 5
MC10H159 ONSEMI-MC10H159 Datasheet
104Kb / 4P
Quad 2-Input Multiplexer(Inverting)
1996 REV 5
logo
NXP Semiconductors
74HC258 PHILIPS-74HC258 Datasheet
83Kb / 16P
Quad 2-input multiplexer; 3-state; inverting
1999 Sep 02
logo
STMicroelectronics
M54HCT257 STMICROELECTRONICS-M54HCT257 Datasheet
255Kb / 12P
HCT257 QUAD 2 CHANNEL MULTIPLEXER 3-STATE HCT258 QUAD 2 CHANNEL MULTIPLEXER 3-STATE, INVERTING
Feb-1993
logo
Intersil Corporation
CD54AC257 INTERSIL-CD54AC257 Datasheet
10Kb / 1P
Quad 2-Input Multiplexer Three-State, Non-Inverting
June 1997
logo
NXP Semiconductors
74HC257 PHILIPS-74HC257 Datasheet
80Kb / 13P
Quad 2-input multiplexer 3-state
1998 Sep 30
74AHC257 PHILIPS-74AHC257 Datasheet
97Kb / 20P
Quad 2-input multiplexer; 3-state
2000 Apr 03
logo
ON Semiconductor
MC10159 ONSEMI-MC10159_02 Datasheet
89Kb / 4P
Quad 2-Input Multiplexer (Inverting)
January, 2002 ??Rev. 7
logo
NXP Semiconductors
74HC158 PHILIPS-74HC158_15 Datasheet
90Kb / 16P
Quad 2-input multiplexer; inverting
Rev. 03-12 November 2004
logo
Nexperia B.V. All right...
74AHCT257 NEXPERIA-74AHCT257 Datasheet
601Kb / 16P
Quad 2-input multiplexer; 3-state
Rev. 02 - 9 May 2008
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com