| Electronic Components Datasheet Search |
|
AM1707BZKB4 Datasheet(PDF) 19 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
AM1707BZKB4 Datasheet(HTML) 19 Page - Texas Instruments |
|
19 / 198 page ![]() AM1707 www.ti.com SPRS637A – FEBRUARY 2010 – REVISED APRIL 2010 3.6.5 External Memory Interface B (SDRAM only) Table 3-7. External Memory Interface B (EMIFB) Terminal Functions PIN No. SIGNAL NAME TYPE(1) PULL(2) MUXED DESCRIPTION ZKB EMB_D[31] G14 O IPD EMB_D[30] F15 O IPD EMB_D[29] F14 O IPD EMB_D[28] E15 O IPD EMB_D[27] E14 O IPD EMB_D[26] A14 O IPD EMB_D[25] B14 O IPD EMB_D[24] A13 O IPD EMB_D[23] L15 O IPD EMB_D[22] L14 O IPD EMB_D[21] K16 O IPD EMB_D[20] K13 O IPD EMB_D[19] J14 O IPD EMB_D[18] H15 O IPD EMB_D[17] H14 O IPD EMB_D[16] G15 O IPD EMIFB SDRAM data bus. EMB_D[15]/GP6[15] F13 I/O IPD EMB_D[14]/GP6[14] E16 I/O IPD EMB_D[13]/GP6[13] E13 I/O IPD EMB_D[12]/GP6[12] D16 I/O IPD EMB_D[11]/GP6[11] D15 I/O IPD EMB_D[10]/GP6[10] D14 I/O IPD EMB_D[9]/GP6[9] D13 I/O IPD EMB_D[8]/GP6[8] C16 I/O IPD GPIO EMB_D[7]/GP6[7] J16 I/O IPD EMB_D[6]/GP6[6] J15 I/O IPD EMB_D[5]/GP6[5] J13 I/O IPD EMB_D[4]/GP6[4] H16 I/O IPD EMB_D[3]/GP6[3] H13 I/O IPD EMB_D[2]/GP6[2] G16 I/O IPD EMB_D[1]/GP6[1] G13 I/O IPD EMB_D[0]/GP6[0] F16 I/O IPD EMB_A[12]/GP3[13] B15 O IPD EMB_A[11]/GP7[13] B12 O IPD EMB_A[10]/GP7[12] A9 O IPD EMB_A[9]/GP7[11] C12 O IPD EMIFB SDRAM row/column GPIO address bus. EMB_A[8]/GP7[10] D12 O IPD EMB_A[7]/GP7[9] A11 O IPD EMB_A[6]/GP7[8] B11 O IPD EMB_A[5]/GP7[7] C11 O IPD (1) I = Input, O = Output, I/O = Bidirectional, Z = High impedance, PWR = Supply voltage, GND = Ground, A = Analog signal. Note: The pin type shown refers to the input, output or high-impedance state of the pin function when configured as the the signal name highlighted in bold. All multiplexed signals may enter a high-impedance state when the configured function is input-only or the configured function supports high-Z operation. All GPIO signals can be used as input or output. For multiplexed pins where functions have different types (ie., input versus output), the table reflects the pin function direction for that particular peripheral. (2) IPD = Internal Pulldown resistor, IPU = Internal Pullup resistor Copyright © 2010, Texas Instruments Incorporated Device Overview 19 Submit Documentation Feedback Product Folder Link(s): AM1707 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |