Electronic Components Datasheet Search
  English  ▼

X  

AM1707BZKB4 Datasheet(PDF) 20 Page - Texas Instruments

Part # AM1707BZKB4
Description  AM1707 ARM Microprocessor
PDF  198 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM1707BZKB4 Datasheet(HTML) 20 Page - Texas Instruments

Back Button AM1707BZKB4 Datasheet HTML 16Page - Texas Instruments AM1707BZKB4 Datasheet HTML 17Page - Texas Instruments AM1707BZKB4 Datasheet HTML 18Page - Texas Instruments AM1707BZKB4 Datasheet HTML 19Page - Texas Instruments AM1707BZKB4 Datasheet HTML 20Page - Texas Instruments AM1707BZKB4 Datasheet HTML 21Page - Texas Instruments AM1707BZKB4 Datasheet HTML 22Page - Texas Instruments AM1707BZKB4 Datasheet HTML 23Page - Texas Instruments AM1707BZKB4 Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 198 page
background image
AM1707
SPRS637A – FEBRUARY 2010 – REVISED APRIL 2010
www.ti.com
Table 3-7. External Memory Interface B (EMIFB) Terminal Functions (continued)
PIN No.
SIGNAL NAME
TYPE(1)
PULL(2)
MUXED
DESCRIPTION
ZKB
EMB_A[4]/GP7[6]
D11
O
IPD
EMB_A[3]/GP7[5]
A10
O
IPD
EMIFB SDRAM row/column
EMB_A[2]/GP7[4]
B10
O
IPD
address.
EMB_A[1]/GP7[3]
C10
O
IPD
GPIO
EMB_A[0]/GP7[2]
D10
O
IPD
EMB_BA[1]/GP7[0]
B9
O
IPU
EMIFB SDRAM bank address.
EMB_BA[0]/GP7[1]
C9
O
IPU
EMB_CLK
C14
O
IPU
EMIF SDRAM clock.
EMB_SDCKE
C13
I/O
IPU
EMIFB SDRAM clock enable.
EMB_WE
K15
O
IPU
EMIFB write enable
EMIFB SDRAM row address
EMB_RAS
A8
O
IPU
strobe.
EMB_CAS
L13
O
IPU
EMIFB column address strobe.
EMB_CS[0]
D9
O
IPU
EMIFB SDRAM chip select 0.
EMB_WE_DQM[3]
A12
O
IPU
EMB_WE_DQM[2]
B13
O
IPU
EMIFB write enable/data mask
for EMB_D.
EMB_WE_DQM[1] /GP5[14]
C15
O
IPU
GPIO
EMB_WE_DQM[0] /GP5[15]
K14
O
IPU
3.6.6
Serial Peripheral Interface Modules (SPI0, SPI1)
Table 3-8. Serial Peripheral Interface (SPI) Terminal Functions
PIN
No.
SIGNAL NAME
TYPE(1)
PULL(2)
MUXED
DESCRIPTION
ZKB
SPI0
UART0, EQEP0B,
SPI0_SCS[0] /UART0_RTS/EQEP0B/GP5[4]/BOOT[4]
N4
I/O
IPU
SPI0 chip select.
GPIO, BOOT
UART0, EQEP0A,
SPI0_ENA /UART0_CTS/EQEP0A/GP5[3]/BOOT[3]
R5
I/O
IPU
SPI0 enable.
GPIO, BOOT
SPI0_CLK/EQEP1I/GP5[2]/BOOT[2]
T5
I/O
IPD
eQEP1, GPIO, BOOT
SPI0 clock.
SPI0 data
SPI0_SIMO[0]/EQEP0S/GP5[1]/BOOT[1]
P6
I/O
IPD
slave-in-master-out.
eQEP0, GPIO, BOOT
SPI0 data
SPI0_SOMI[0]/EQEP0I/GP5[0]/BOOT[0]
R6
I/O
IPD
slave-out-master-in.
SPI1
SPI1_SCS[0] /UART2_TXD/GP5[13]
P4
I/O
IPU
SPI1 chip select.
UART2, GPIO
SPI1_ENA /UART2_RXD/GP5[12]
R4
I/O
IPU
SPI1 enable.
SPI1_CLK/EQEP1S/GP5[7]/BOOT[7]
T6
I/O
IPD
eQEP1, GPIO, BOOT
SPI1 clock.
SPI1 data
SPI1_SIMO[0]/I2C1_SDA/GP5[6]/BOOT[6]
N5
I/O
IPU
slave-in-master-out.
I2C1, GPIO, BOOT
SPI1 data
SPI1_SOMI[0]/I2C1_SCL/GP5[5]/BOOT[5]
P5
I/O
IPU
slave-out-master-in.
(1)
I = Input, O = Output, I/O = Bidirectional, Z = High impedance, PWR = Supply voltage, GND = Ground, A = Analog signal.
Note: The pin type shown refers to the input, output or high-impedance state of the pin function when configured as the the signal name
highlighted in bold. All multiplexed signals may enter a high-impedance state when the configured function is input-only or the configured
function supports high-Z operation. All GPIO signals can be used as input or output. For multiplexed pins where functions have different
types (ie., input versus output), the table reflects the pin function direction for that particular peripheral.
(2)
IPD = Internal Pulldown resistor, IPU = Internal Pullup resistor
20
Device Overview
Copyright © 2010, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): AM1707



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com