Electronic Components Datasheet Search
  English  ▼

X  

TPD6F002DSVR Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TPD6F002DSVR
Description  SIX-CHANNEL EMI FILTER FOR LCD DISPLAY/KEYPAD APPLICATION
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPD6F002DSVR Datasheet(HTML) 1 Page - Texas Instruments

  TPD6F002DSVR Datasheet HTML 1Page - Texas Instruments TPD6F002DSVR Datasheet HTML 2Page - Texas Instruments TPD6F002DSVR Datasheet HTML 3Page - Texas Instruments TPD6F002DSVR Datasheet HTML 4Page - Texas Instruments TPD6F002DSVR Datasheet HTML 5Page - Texas Instruments TPD6F002DSVR Datasheet HTML 6Page - Texas Instruments TPD6F002DSVR Datasheet HTML 7Page - Texas Instruments TPD6F002DSVR Datasheet HTML 8Page - Texas Instruments TPD6F002DSVR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
Ch1_In
Ch2_In
Ch3_In
Ch4_In
Ch5_In
Ch6_In
Ch1_Out
Ch2_Out
Ch3_Out
Ch4_Out
Ch5_Out
Ch6_Out
TPD6F002
www.ti.com
SLLS876A – AUGUST 2008 – REVISED NOVEMBER 2009
SIX-CHANNEL EMI FILTER FOR LCD DISPLAY/KEYPAD APPLICATION
Check for Samples: TPD6F002
1
FEATURES
DSV PACKAGE
•
Six-Channel EMI Filtering for Data Ports
(TOP VIEW)
•
Robust ESD Protection Exceeds IEC61000-4-2
(Level 4)
–
±15-kV Human-Body Model (HBM)
–
±20-kV IEC 61000-4-2 Contact Discharge
–
±30-kV IEC 61000-4-2 Air-Gap Discharge
•
Pi-Style (C-R-C) Filter Configuration
(R = 100
Ω, CTOTAL = 34 pF)
•
Less than 20-nA Leakage Current Across
Temperature and Process Variation
–
-35 dB Insertion Loss at 800 MHz
–
-57 dB Crosstalk Attenuation at 100 MHz
–
-35 dB Insertion Loss at 800 MHz
–
-3 dB Bandwidth 100 MHz
•
Space-Saving SON Package (3 mm × 1.35 mm)
and Flow-Through Pin Mapping Provides
Optimum Filter Performance
APPLICATIONS
•
LCD Display Interface
•
Keypad
•
SVGA Video Connections
•
Memory Interface
DESCRIPTION/ORDERING INFORMATION
The TPD6F002 is a six-channel EMI filter in a space-saving DSV package. This low-pass filter array reduces EMI
emissions and provides system-level ESD protection at the data ports. Because of its small package and
easy-to-use pin assignments, this device is suitable for a wide array of applications such as mobile handsets,
PDAs, video consoles, notebook computers, etc. In particular, the TPD6F002 is ideal for EMI filtering and
protecting data lines from ESD at the LCD display, keypad, and memory interfaces. The pi-style (C-R-C) filter
provides at least 35 dB attenuation in the carrier frequency range.
The TPD6F002 is a highly integrated device designed to suppress EMI/RFI noise in all systems subjected to
electromagnetic interferences. This filter includes ESD protection circuitry that prevents damage to the
application when subjected to ESD up to IEC 61000-4-2 ±20 kV Contact ESD and ±30 kV Air-Gap ESD.
The TPD6F002 is specified for –40°C to 85°C operation.
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright © 2008–2009, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - TPD6F002DSVR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPD6F002DSVR TI2-TPD6F002DSVR Datasheet
982Kb / 18P
TPD6F002 Six-Channel EMI Filter for LCD Display and FPD-Link
REVISED MAY 2016
TPD6F002DSVR.A TI2-TPD6F002DSVR.A Datasheet
982Kb / 18P
TPD6F002 Six-Channel EMI Filter for LCD Display and FPD-Link
REVISED MAY 2016
TPD6F002DSVR.B TI2-TPD6F002DSVR.B Datasheet
982Kb / 18P
TPD6F002 Six-Channel EMI Filter for LCD Display and FPD-Link
REVISED MAY 2016
More results

Similar Description - TPD6F002DSVR

ManufacturerPart #DatasheetDescription
logo
Gamewell-FCI by Honeywe...
LCD-E3 GAMEWELL-FCI-LCD-E3 Datasheet
39Kb / 1P
LCD keypad display
logo
Texas Instruments
TPD4F202 TI-TPD4F202 Datasheet
697Kb / 11P
FOUR,SIX-CHANNEL EMI FILTER WITH ESD PROTECTION FOR LCD DISPLAY
TPD4F202 TI-TPD4F202_1 Datasheet
863Kb / 13P
FOUR-,SIX-CHANNEL EMI FILTER WITH ESD PROTECTION FOR LCD DISPLAY
logo
ON Semiconductor
EMI7204MU ONSEMI-EMI7204MU Datasheet
187Kb / 7P
Four-Six-Eight -Channel EMI Filter with Integrated ESD Protection
September, 2010 ??Rev. 0
logo
List of Unclassifed Man...
85260-3420 ETC2-85260-3420 Datasheet
915Kb / 13P
Application Notes for LCD 36x24 SmartSwitch/Display
logo
ON Semiconductor
CM1421 ONSEMI-CM1421 Datasheet
663Kb / 8P
4-Channel LCD EMI Filter Array
March, 2011 ??Rev. 3
logo
Texas Instruments
TPD4F202 TI1-TPD4F202_15 Datasheet
1,008Kb / 18P
Four or Six-Channel EMI Filter
logo
Gamewell-FCI by Honeywe...
LCD-E3 GAMEWELL-FCI-LCD-E3_13 Datasheet
49Kb / 1P
LCD Keypad Display
logo
NHP Electrical Engineer...
2080-LCD NHP-2080-LCD Datasheet
582Kb / 1P
M810 PLUG-IN LCD 1.5in DISPLAY KEYPAD
7 June 2023,
2080-REMLCD NHP-2080-REMLCD Datasheet
520Kb / 1P
M820 REMOTE LCD 3.5in DISPLAY KEYPAD
6 June 2023,
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com