Electronic Components Datasheet Search
  English  ▼

X  

TPIC6C596 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # TPIC6C596
Description  POWER LOGIC 8-BIT SHIFT REGISTER
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPIC6C596 Datasheet(HTML) 6 Page - Texas Instruments

Back Button TPIC6C596 Datasheet HTML 2Page - Texas Instruments TPIC6C596 Datasheet HTML 3Page - Texas Instruments TPIC6C596 Datasheet HTML 4Page - Texas Instruments TPIC6C596 Datasheet HTML 5Page - Texas Instruments TPIC6C596 Datasheet HTML 6Page - Texas Instruments TPIC6C596 Datasheet HTML 7Page - Texas Instruments TPIC6C596 Datasheet HTML 8Page - Texas Instruments TPIC6C596 Datasheet HTML 9Page - Texas Instruments TPIC6C596 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
TPIC6C596
POWER LOGIC 8BIT SHIFT REGISTER
SLIS093C − MARCH 2000 − REVISED APRIL 2005
6
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
PARAMETER MEASUREMENT INFORMATION
3− 6,
11 −14
TEST CIRCUIT
5 V
15 V
VCC
DRAIN
CLR
SER IN
RL = 200 Ω
CL = 30 pF
(see Note B)
G
Output
SRCK
RCK
DUT
GND
Word
Generator
(see Note A)
16
7
15
2
10
8
ID
1
SWITCHING TIMES
G
5 V
50%
24 V
0.5 V
90%
10%
tPLH
tr
50%
90%
10%
tPHL
tf
SRCK
5 V
50%
SER IN
5 V
50%
50%
tsu
th
tw
INPUT SETUP AND HOLD WAVEFORMS
Output
0 V
0 V
0 V
50%
50%
50%
50%
tpd
tpd
SRCK
SER OUT
SER OUT PROPAGATION DELAY WAVEFORM
NOTES: A. The word generator has the following characteristics: tr ≤ 10 ns, tf ≤ 10 ns, tw = 300 ns, pulsed repetition rate (PRR) = 5 kHz,
ZO = 50 Ω.
B. CL includes probe and jig capacitance.
Figure 2. Test Circuit, Switching Times, and Voltage Waveforms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com