Electronic Components Datasheet Search
  English  ▼

X  

TPIC6C596 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # TPIC6C596
Description  POWER LOGIC 8-BIT SHIFT REGISTER
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPIC6C596 Datasheet(HTML) 3 Page - Texas Instruments

  TPIC6C596 Datasheet HTML 1Page - Texas Instruments TPIC6C596 Datasheet HTML 2Page - Texas Instruments TPIC6C596 Datasheet HTML 3Page - Texas Instruments TPIC6C596 Datasheet HTML 4Page - Texas Instruments TPIC6C596 Datasheet HTML 5Page - Texas Instruments TPIC6C596 Datasheet HTML 6Page - Texas Instruments TPIC6C596 Datasheet HTML 7Page - Texas Instruments TPIC6C596 Datasheet HTML 8Page - Texas Instruments TPIC6C596 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
TPIC6C596
POWER LOGIC 8BIT SHIFT REGISTER
SLIS093C − MARCH 2000 − REVISED APRIL 2005
3
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
schematic of inputs and outputs
EQUIVALENT OF EACH INPUT
TYPICAL OF ALL DRAIN OUTPUTS
VCC
Input
GND
GND
DRAIN
33 V
20 V
25 V
12 V
absolute maximum ratings over recommended operating case temperature range (unless
otherwise noted)†
Logic supply voltage, VCC (see Note 1)
7 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Logic input voltage range, VI
−0.3 V to 7 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Power DMOS drain-to-source voltage, VDS (see Note 2)
33 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Continuous source-to-drain diode anode current
250 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Pulsed source-to-drain diode anode current (see Note 3)
500 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Pulsed drain current, each output, all outputs on, ID, TC = 25°C (see Note 3)
250 mA
. . . . . . . . . . . . . . . . . . .
Continuous drain current, each output, all outputs on, ID, TC = 25°C
100 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . .
Peak drain current single output, IDM,TC = 25°C (see Note 3)
250 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Single-pulse avalanche energy, EAS (see Figure 4)
30 mJ
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Avalanche current, IAS (see Note 4)
200 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Continuous total dissipation
See Dissipation Rating Table
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Operating virtual junction temperature range, TJ
−40
°C to 150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Operating case temperature range, TC
−40
°C to 125°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage temperature range, Tstg
−65
°C to 150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Lead temperature 1,6 mm (1/16 inch) from case for 10 seconds
260
°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
† Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not
implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
NOTES:
1. All voltage values are with respect to GND.
2. Each power DMOS source is internally connected to GND.
3. Pulse duration
≤ 100 µs and duty cycle ≤ 2%.
4. DRAIN supply voltage = 15 V, starting junction temperature (TJS) = 25°C, L = 1.5 H, IAS = 200 mA (see Figure 4).
DISSIPATION RATING TABLE
PACKAGE
TC ≤ 25°C
POWER RATING
DERATING FACTOR
ABOVE TC = 25°C
TC = 125°C
POWER RATING
D
1087 mW
8.7 mW/
°C
217 mW
N
1470 mW
11.7 mW/
°C
294 mW
PW
1372 mW
10.976 mW/
°C
274 mW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com