| Electronic Components Datasheet Search |
|
ISL40 Datasheet(PDF) 1 Page - Yamar Electronics Ltd. |
|
|
|||||||||||||||||||||||||||||
ISL40 Datasheet(HTML) 1 Page - Yamar Electronics Ltd. |
|
1 / 12 page ![]() Proprietary and Confidential Information of YAMAR Electronics Ltd. © 2007 Yamar Electronics Ltd. 1 DS-ISL40 R1.6 1 GENERAL The ISL40 is an innovative VLSI solution for low cost network of I/O peripheral devices communicating over a noisy single wire or a battery power line using the LIN protocol. It provides the means for an economical network of multiple slave devices for applications as controlling motors, reading sensors etc., eliminating the need for a dedicate controller for slave modules. The device operates as an independent LIN slave in a network controlled by a SIG40 master device, which transmits five types of messages to each one of its slaves; Read, Read Change, Write, Sleep and Change Frequency. The ISL40 slave device identifies a LIN message addressed to its predefined ID. When a Write message is received, the data part of the message is directed to the corresponding 4 or 8 output pins. When a Read or Read Change message is detected, the slave responds with a LIN2.0 message that contains information on all its 8 inputs or 4 input pins and 4 output pins. A Sleep command enables power saving. Wakeup messages awaken remote devices. The device is based on an original multiplex signaling technology. The ISL40 has a LIN message handler, a unique signaling modem and coder/decoder that overcome the hostile communication environment over vehicle battery lines. The ISL40 capability of communicating over battery-powered line is useful for a wide range of vehicular and industrial applications, such as doors, seats, mirrors, climate control, lights etc. Figure 1.1 - Typical ISL40 Applications 2 OVERVIEW 2.1 Signaling System The ISL40 device operates as an independent slave in a network controlled by a SIG40 master device that can transmit asynchronous LIN messages to any one of its 15 slave devices. An ISL40 slave device which identifies a Write message addressed to its ID, takes the data part of the message and outputs it to its output pins, while a master Read message is responded by the slave with a message consisting of its sampled input pins. The device receives and transmits special narrow band signaling carrier, which can be differentiated from noise. The receiver receives the signaling patterns, extracting them into the original bits. The rest of the spectrum is reserved for additional communication channels over the same DC noisy lines. YAMAR E le c tro n i cs L td Preliminary Data Sheet This information is preliminary and may be changed without notice ISL40 - Independent DC-LIN Slave For Asynchronous Communication Over Noisy Lines SIG40 ECU DC Line Id 8/4 Inputs ISL40 4/8 Outputs Slave Id 8/4 Inputs ISL40 4/8 Outputs Slave Master |
Similar Part No. - ISL40 |
|
Similar Description - ISL40 |
|
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |