Electronic Components Datasheet Search
  English  ▼

X  

ISL40 Datasheet(PDF) 4 Page - Yamar Electronics Ltd.

Part # ISL40
Description  Independent DC-LIN Slave For Asynchronous Communication Over Noisy Lines
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YAMAR [Yamar Electronics Ltd.]
Direct Link  http://www.yamar.com
Logo YAMAR - Yamar Electronics Ltd.

ISL40 Datasheet(HTML) 4 Page - Yamar Electronics Ltd.

  ISL40 Datasheet HTML 1Page - Yamar Electronics Ltd. ISL40 Datasheet HTML 2Page - Yamar Electronics Ltd. ISL40 Datasheet HTML 3Page - Yamar Electronics Ltd. ISL40 Datasheet HTML 4Page - Yamar Electronics Ltd. ISL40 Datasheet HTML 5Page - Yamar Electronics Ltd. ISL40 Datasheet HTML 6Page - Yamar Electronics Ltd. ISL40 Datasheet HTML 7Page - Yamar Electronics Ltd. ISL40 Datasheet HTML 8Page - Yamar Electronics Ltd. ISL40 Datasheet HTML 9Page - Yamar Electronics Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
Proprietary and Confidential Information of YAMAR Electronics Ltd.
© 2007 Yamar Electronics Ltd.
4
DS-ISL40 R1.6
Read-state:
Detecting Read-state header causes the ISL40 to send its input pins current state.
The Read-state message from the master consists of 3 bytes - sync break, sync field and identifier. The
identifier of this message begins with the four-bit ID of the device, 00, followed by the 2 protection bits.
The ISL40 responds with a data byte containing its eight input Signal pins followed by the checksum
byte. The checksum is the sum of the protected identifier and of the data byte as in LIN2.0.
Figure 3.2 shows a generic read state message.
Figure 3.2 Read State message
Read-change:
This header from the master causes the ISL40 to send information on changes of its input pins since
the last Read message. The first change on the pin after the Read message switches its sent value.
This command enables a detection of a pulse like change that accord between two consecutive Read
commands.
Figure 3.3 shows the process of determining the sent value of an input pin.
Figure 3.3 - Determining the recent changed value of an input pin
The Read-change message from the master has 3 bytes - sync break, sync field and identifier.
The identifier begins with the destination device four-bit ID, followed by 01 and terminating with 2
protection bits. The response for this Read-changes message is a data byte containing the ISL40`s
input pins recent changed value, followed by the checksum byte. The checksum is according to LIN2.0
specifications. Figure 3.4 shows a Read-changes message.
Figure 3.4 Read-changes message
Sleep message:
This type of message consist of 5 bytes - sync break, sync field, “3C” Hex, “00” Hex and checksum.
The sleep message identifier is “3C”Hex as in LIN2.0 specifications and the following data byte
“00”Hex.
Upon reception of sync break, sync field, “3C”Hex and “00”Hex bytes, the device enters sleep mode
immediately, therefore, as a result its following bytes and checksum are ignored.
Sync break
Sync Field
P1, P0, 0, 0, Address
Data (8 input bits)
Checksum
Master
Slave
Master
Slave
Sync break
Sync Field
P1, P0, 1, 0, Address
Data (8 input bits)
Checksum
Read message
1 bit
Input pin level
Sent value



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com