Electronic Components Datasheet Search
  English  ▼

X  

ADC1010S Datasheet(PDF) 21 Page - NXP Semiconductors

Part # ADC1010S
Description  Single 10-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; CMOS or LVDS DDR digital outputs
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

ADC1010S Datasheet(HTML) 21 Page - NXP Semiconductors

Back Button ADC1010S Datasheet HTML 17Page - NXP Semiconductors ADC1010S Datasheet HTML 18Page - NXP Semiconductors ADC1010S Datasheet HTML 19Page - NXP Semiconductors ADC1010S Datasheet HTML 20Page - NXP Semiconductors ADC1010S Datasheet HTML 21Page - NXP Semiconductors ADC1010S Datasheet HTML 22Page - NXP Semiconductors ADC1010S Datasheet HTML 23Page - NXP Semiconductors ADC1010S Datasheet HTML 24Page - NXP Semiconductors ADC1010S Datasheet HTML 25Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 36 page
background image
ADC1010S_SER_1
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Preliminary data sheet
Rev. 01 — 9 April 2010
21 of 36
NXP Semiconductors
ADC1010S series
ADC1010S series; CMOS or LVDS DDR digital outputs
The output resistance is 50
Ω and is the combination of the an internal resistor and the
equivalent output resistance of the buffer. There is no need for an external damping
resistor. The drive strength of both data and DAV buffers can be programmed via the SPI
in order to adjust the rise and fall times of the output digital signals (see Table 30):
11.5.2 Digital output buffers: LVDS DDR mode
The digital output buffers can be configured as LVDS DDR by setting bit LVDS/CMOS to 1
(see Table 23).
Each output should be terminated externally with a 100
Ω resistor (typical) at the receiver
side (Figure 22) or internally via SPI control bits LVDS_INT_TER[2:0] (see Figure 23 and
Table 32).
The default LVDS DDR output buffer current is set to 3.5 mA. It can be programmed via
the SPI (bits DAVI[1:0] and DATA[1:0]; see Table 31) in order to adjust the output logic
voltage levels.
Fig 22. LVDS DDR digital output buffer - externally terminated
Fig 23. LVDS DDR digital output buffer - internally terminated
VCCO
3.5 mA
typ
DnP/Dn + 1P
DnM/Dn + 1M
OGND
100
Ω
−
005aaa058
+
−
+
RECEIVER
VCCO
OGND
005aaa059
DxP/Dx + 1P
DxM/Dx + 1M
100
Ω
3.5 mA
typ
+
−
+
−
RECEIVER



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com