Electronic Components Datasheet Search
  English  ▼

X  

ADC1610S Datasheet(PDF) 7 Page - NXP Semiconductors

Part # ADC1610S
Description  Single 16-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; CMOS or LVDS DDR digital outputs
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

ADC1610S Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button ADC1610S Datasheet HTML 3Page - NXP Semiconductors ADC1610S Datasheet HTML 4Page - NXP Semiconductors ADC1610S Datasheet HTML 5Page - NXP Semiconductors ADC1610S Datasheet HTML 6Page - NXP Semiconductors ADC1610S Datasheet HTML 7Page - NXP Semiconductors ADC1610S Datasheet HTML 8Page - NXP Semiconductors ADC1610S Datasheet HTML 9Page - NXP Semiconductors ADC1610S Datasheet HTML 10Page - NXP Semiconductors ADC1610S Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 38 page
background image
ADC1610S_SER_2
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Objective data sheet
Rev. 02 — 12 April 2010
7 of 38
NXP Semiconductors
ADC1610S series
ADC1610S series; CMOS or LVDS DDR digital output
IIH
HIGH-level input current
−50
-
+50
μA
CI
input capacitance
-
4
-
pF
Digital outputs, CMOS mode: pins D15 to D0, OTR, DAV
Output levels, VDDO = 3 V
VOL
LOW-level output voltage
IOL = <tbd>
OGND
-
0.2VDDO V
VOH
HIGH-level output voltage
IOH = <tbd>
0.8VDDO
-VDDO
V
IOL
LOW-level output current
3-state; output level = 0 V
-
<tbd>
-
μA
IOH
HIGH-level output current
3-state; output level = VDDA
-
<tbd>
-
μA
CO
output capacitance
high impedance; OE =HIGH
-
3
-
pF
Output levels, VDDO = 1.8 V
VOL
LOW-level output voltage
IOL = <tbd>
OGND
-
0.2VDDO V
VOH
HIGH-level output voltage
IOH = <tbd>
0.8VDDO
-VDDO
V
Digital outputs, LVDS mode: pins D15P to D0P, D15M to D0M, DAVP and DAVM
Output levels, VDDO = 3 V only, RL = 100 Ω
VO(offset)
output offset voltage
output buffer current set to
3.5 mA
-1.2
-
V
VO(dif)
differential output voltage
output buffer current set to
3.5 mA
-350
-
mV
CO
output capacitance
-
<tbd>
-
pF
Analog inputs: pins INP and INM
II
input current
−5-
+5
μA
RI
input resistance
-
<tbd>
-
Ω
CI
input capacitance
-
5
-
pF
VI(cm)
common mode input voltage
VINP =VINM
0.9
1.5
2
V
Bi
input bandwidth
-
600
-
MHz
VI(dif)
differential input voltage
peak-to-peak
1
2
V
Common mode output voltage: pin VCM
VO(cm)
common-mode output voltage
-
VDDA /2 -
V
IO(cm)
common-mode output current
-
<tbd>
-
μA
I/O reference voltage: pin VREF
VVREF
voltage on pin VREF
output
0.5
-
1
V
input
0.5
-
1
V
Accuracy
INL
integral non-linearity
-
±4-
LSB
DNL
differential non-linearity
guaranteed no missing codes
-0.95
±0.5
+0.95
LSB
Eoffset
offset error
-
±2-
mV
EG
gain error
full-scale
±0.5
%
Table 6.
Static characteristics[1] …continued
Symbol
Parameter
Conditions
Min
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com